Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1973 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC1973
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1973 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC1973 Datasheet HTML 5Page - Texas Instruments UCC1973 Datasheet HTML 6Page - Texas Instruments UCC1973 Datasheet HTML 7Page - Texas Instruments UCC1973 Datasheet HTML 8Page - Texas Instruments UCC1973 Datasheet HTML 9Page - Texas Instruments UCC1973 Datasheet HTML 10Page - Texas Instruments UCC1973 Datasheet HTML 11Page - Texas Instruments UCC1973 Datasheet HTML 12Page - Texas Instruments UCC1973 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
UCC1972/3
UCC2972/3
UCC3972/3
The current sense resistor RS provides direct control of
lamp current. Since the current sense resistor voltage is
controlled to a 1.5V reference, its power loss is inversely
proportional to its value at a given lamp current.
Synchronizing the Stages
An internal comparator at the BUCK node is used to syn-
chronize the PWM buck frequency to twice the resonant
tank frequency. Synchronization is accomplished with
sync pulse that is generated each time the BUCK node
voltage is within 1.0V of VBAT; the UCC3972/3 uses this
sync pulse to reset the PWM oscillator’s saw-tooth ramp.
The sync circuit will operate with typical PWM frequen-
cies between 66kHz and 200kHz, corresponding to a
33kHz to 100kHz tank frequency.
Buck Stage Design
The PWM output controls current in the buck inductor.
The UCC3972/3’s buck power stage differs from a tradi-
tional buck topology in a few respects:
• The topology is inverted using a ground referenced
N-Channel MOSFET rather than a VDD referenced
P-Channel.
• The output voltage is a full wave rectified sinewave at
the switching frequency, rather than DC.
Referring back to Fig. 1, when OUT turns SBUCK on, the
BUCK node voltage VBUCK is placed across the inductor.
This voltage is typically positive and current ramps up in
the inductor (it is possible for the BUCK node voltage to
go negative if VBAT is low and the lamp current is near
maximum).
When
SBUCK
is
turned
off,
VBAT-VBUCK+VDBUCK is placed across the inductor with
opposite polarity. As with any buck converter, the
volt-seconds across the inductor must be reversed on
each switching cycle to maintain constant current. The
duty cycle (D) relationship is complicated somewhat by
the fact the output voltage is changing within a switching
cycle. The equations below determine the relationship
between on and off times in continuous conduction mode
where T is the switching period, D = tON/T, and tOFF =T-
tON.
()
V
dt
VBAT
V
V
dt
BUCK
t
BUCK
D
t
T
ON
ON
•=
+
∫∫
0
(8)
Selecting the buck inductor:
Maximum ripple current in the inductor occurs when fre-
quency and duty cycle are at a minimum, which corre-
sponds to VBAT and lamp current being a maximum.
The average value of VBUCK at rated lamp current is
equal to:
VV
V
N
VV
V
BUCK AVE
BAT
SEC
BAT
BAT
_
.
=−
=−
=−
2
820
2
67
55
π
π
olts
(9)
The approximate on time using the maximum 22V input
voltage (VBUCK_AVE = 16.4), a 100kHz switching fre-
quency (two times the resonant frequency), and ignoring
the diode drop can be calculated from the following:
t
Tt
VBAT
V
V
ON
ON
BUCK AVE
BUCK AVE
=
_
_
(10)
The resulting on time is 2.5
µs. A 150 H inductor will re-
sult in a peak to peak ripple current of 280mA. Average
inductor current (with maximum lamp current) can be cal-
culated by taking the lamp power divided by the tank effi-
ciency and the RMS buck voltage.
I
VI
Efficiency
N
V
BUCK
LAMP
LAMP
SEC
=
 •

 =
2
375 0 005 2 67
0 8 820
380
•• •
=
.
.
mA
(11)
The resulting inductor ripple is less than 50%. A list of
possible inductors are given below along with ESR and
current rating (losses in the inductor are calculated with
RMS current).
The choice of a MOSFET for the buck switch should take
into consideration conduction and switching losses. The
RDS(on) and gate charge are typically at odds, however,
where minimizing one will typically result in the other in-
creasing. An International Rectifier IRFL014 was se-
lected (SOT-223 package) in this application with a gate
charge of 11nC and RDS(on) of 0.2 . A Schottky diode
should be used for the buck diode in order to minimize
forward drop.
APPLICATION INFORMATION (cont.)
Vendor
L
Part Number ESR Current
Rating
Coilcraft
(847) 639-6400
150
µH DO3316-154 0.38
1A
Coiltronics (407)
241-7876
150
µH CTX150-4 0.175 0.72A
Sumida
(847) 956-0666
150
µH CDR125-151 0.4
0.85A
Toko (847) 297-0070 150
µH 646CY-151 0.73
0.4A
Table 3. Inductor Suppliers


Similar Part No. - UCC1973

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1973 TI1-UCC1973 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
More results

Similar Description - UCC1973

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Maxim Integrated Produc...
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
   8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
DS3994 MAXIM-DS3994 Datasheet
537Kb / 28P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com