Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC39413 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC39413
Description  Low Power Synchronous Boost Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC39413 Datasheet(HTML) 3 Page - Texas Instruments

  UCC39413 Datasheet HTML 1Page - Texas Instruments UCC39413 Datasheet HTML 2Page - Texas Instruments UCC39413 Datasheet HTML 3Page - Texas Instruments UCC39413 Datasheet HTML 4Page - Texas Instruments UCC39413 Datasheet HTML 5Page - Texas Instruments UCC39413 Datasheet HTML 6Page - Texas Instruments UCC39413 Datasheet HTML 7Page - Texas Instruments UCC39413 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
UCC19411/2/3
UCC29411/2/3
UCC39411/2/3
ELECTRICAL CHARACTERISTICS: TJ= 0°C to +70°C for the UCC39411/2/3, TJ = –40°C to +85°C for the
UCC29411/2/3, TJ = –55C to +125°C for the UCC19411/2/3, VIN = 1.25V for UCC39411/2, VIN = 2.5V for the UCC39413, TA=TJ.
UCC39411
UCC39412
UCC39413
UCC19411/2/3
UCC29411/2/3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Output Section
Quiescent Supply Current
(Note 2)
15
28
20
37
µA
Supply Current at Shutdown
SD = GND
3
6
5
10
µA
Regulation Voltage (UCC39412) 1V < VIN < 3V
3.2
3.3
3.39
3.15
3.3
3.45
V
1V < VIN < 3V, 0mA<IOUT<60mA
(Note 1)
3.17
3.3
3.43
3.11
3.3
3.5
V
Regulation Voltage (UCC39413) 1V < VIN < 5V
4.85
5
5.15
4.78
5
5.23
V
1V < VIN < 5V, 0mA<IOUT<60mA
(Note 1)
4.8
5
5.2
4.71
5
5.3
V
ADJ Voltage (UCC39411)
1V < VIN < 3V
1.212
1.25
1.288
1.194
1.25
1.306
V
VGD Output Section
Quiescent Supply Current
(Note 2)
20
40
27
55
µA
Supply Current at Shutdown
SD = GND
20
40
27
55
µA
Regulation Voltage
(UCC39411/2)
1V < VIN < 3V
6.3
7
7.7
6.3
7
7.7
V
1V < VIN < 3V, 0mA<IOUT<10mA
(Note 1)
6.3
7
7.7
6.3
7
7.7
V
Regulation Voltage (UCC39413) 1V < VIN < 5V
7.7
8.5
9.3
7.7
8.5
9.3
V
1V < VIN < 5V, 0mA<IOUT<10mA
(Note 1)
7.7
8.5
9.3
7.7
8.5
9.3
V
Inductor Charging Section (L=22
µH)
Peak Discontinuous Current
Operating Range, L=22.1
µH
180
250
300
180
250
300
mA
Peak Continuous Current
385
550
715
385
550
715
mA
Charge Switch RDSON
D Package
0.5
0.75
0.6
0.85
Current Limit Delay
(Note 1)
50
50
ns
Synchronous Rectifier Section
Rectifier RDSON
D Package
1.2
1.8
1.4
2.16
Shutdown Section
Threshold
0.4
0.6
0.8
0.2
0.6
0.9
V
Input Bias Current
SD = GND
2
5
15
2
5
15
µA
SD = 1.25V
5
20
20
100
nA
Reset Section
Threshold (UCC39411)
1.08
1.125
1.17
1.07
1.125
1.18
V
Threshold (UCC39412)
2.85
2.97
3.09
2.83
2.97
3.11
V
Threshold (UCC39413)
4.32
4.5
4.68
4.3
4.5
4.7
V
Reset Period
CT = 0.15
µF
113
188
263
94
188
282
ms
VOUT to Reset Delay
VOUT Falling at –1mV/
µs (Note 1)
60
60
µs
Sink Current
1
20
1
20
mA
Output Low Voltage
IOUT = 500
µA
0.1
0.1
V
Output Leakage
0.5
0.5
µA
Note 1 : Guaranteed by design and alternate test methods. Not 100% tested in production.
Note 2: For the UCC39411 FB=1.306V, VGD=7.7V, For the UCC39412 VOUT=3.5V and VGD=7.7V, For the UCC39413
VOUT=5.3V, VGD=9.3V.


Similar Part No. - UCC39413

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39413D TI1-UCC39413D Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
UCC39413DG4 TI1-UCC39413DG4 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
More results

Similar Description - UCC39413

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
UCC29411 TI1-UCC29411 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
   Low-power, high-efficiency synchronous boost converter
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com