Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIT647 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIT647
Description  Silicon PNP Epitaxial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIT647 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIT647_09 Datasheet HTML 1Page - Renesas Technology Corp HIT647_09 Datasheet HTML 2Page - Renesas Technology Corp HIT647_09 Datasheet HTML 3Page - Renesas Technology Corp HIT647_09 Datasheet HTML 4Page - Renesas Technology Corp HIT647_09 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REJ03G1504-0300 Rev.3.00 Jun 23, 2009
Page 1 of 4
HIT647
Silicon PNP Epitaxial
REJ03G1504-0300
Rev.3.00
Jun 23, 2009
Features
• Low frequency power amplifier
• Complementary pair with HIT667
Outline
1. Emitter
2. Collector
3. Base
RENESAS Package code: PRSS0003DC-A
(Package name: TO-92 Mod)
3
2
1
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
–120
V
Collector to emitter voltage
VCEO
–100
V
Emitter to base voltage
VEBO
–6
V
Collector current
IC
–1.0
A
Collector peak current
IC (peak) *
1
–2.0
A
Collector power dissipation
PC
0.9
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note : 1. PW
≤ 10 ms, Duty cycle ≤ 20%


Similar Part No. - HIT647_09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIT647-EQ RENESAS-HIT647-EQ Datasheet
114Kb / 5P
   Silicon PNP Epitaxial
HIT647-EQ RENESAS-HIT647-EQ Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
HIT647-HQ RENESAS-HIT647-HQ Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
HIT647-TZ-EQ RENESAS-HIT647-TZ-EQ Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
HIT647-TZ-HQ RENESAS-HIT647-TZ-HQ Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
More results

Similar Description - HIT647_09

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com