Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3880-X Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC3880-X
Description  Pentium Pro Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3880-X Datasheet(HTML) 4 Page - Texas Instruments

  UCC3880-X Datasheet HTML 1Page - Texas Instruments UCC3880-X Datasheet HTML 2Page - Texas Instruments UCC3880-X Datasheet HTML 3Page - Texas Instruments UCC3880-X Datasheet HTML 4Page - Texas Instruments UCC3880-X Datasheet HTML 5Page - Texas Instruments UCC3880-X Datasheet HTML 6Page - Texas Instruments UCC3880-X Datasheet HTML 7Page - Texas Instruments UCC3880-X Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UCC2880-4/-5/-6
UCC3880-4/-5/-6
PIN DESCRIPTIONS (cont.)
CAM (Current Amplifier Inverting Input): The average
load current feedback from ISOUT is applied through a
resistor to this pin. The current loop compensation net-
work is also connected to this pin (see CAO below).
CAO (Current Amplifier Output): The current loop com-
pensation network is connected between this pin and
CAM. The voltage on this pin is the input to the PWM
comparator and regulates the output voltage of the sys-
tem. The GATE output is disabled (held low) unless the
voltage on this pin exceeds 1V, allowing the PWM to
force zero duty cycle when necessary. The PWM forces
maximum duty cycle when the voltage on CAO exceeds
the oscillator peak voltage (3V). A 3.2V clamp circuit pre-
vents the CAO voltage from rising excessively past the
oscillator peak voltage for excellent transient response.
COMMAND (Digital-to-Analog Converter Output Volt-
age): This pin is the output of the 4-bit digital-to-analog
converter (DAC) and the noninverting input of the voltage
amplifier. The voltage on this pin sets the switching regu-
lator output voltage. Setting all input control codes low
produces 3.5V at COMMAND; setting all codes high pro-
duces 2.0V at COMMAND. The DAC LSB step size (i.e.
resolution) is 100mV (See Table 1). The COMMAND
source impedance is typically 1.2k
Ω and must therefore
drive only high impedance inputs if accuracy is to be
maintained. Bypass COMMAND with a 0.01
µF, low ESR,
low ESL capacitor for best circuit noise immunity.
COMP (Voltage Amplifier Output): The system voltage
compensation network is applied between COMP and
VFB.
D0 - D3 (DAC Digital Input Control Codes): These are
the DAC digital input control codes, with D0 representing
the least significant bit (LSB) and D3, the most significant
bit (MSB). A bit is set low by being connected to GND. A
ELECTRICAL CHARACTERISTICS (cont.): Unless otherwise specified, VIN = 12V, VSENSE = 3.5V, VENBL = 5V, VD0 =
VD1 = VD2 = VD3 = 0V, 0°C < TA < 70°C, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator
Frequency (-4)
85
100
115
kHz
Frequency (-5)
200
kHz
Frequency (-6)
400
kHz
Frequency Change With Voltage
10.8V < VIN < 15V
1
%
Output Section
Maximum Duty Cycle
90
95
99
%
Output Low Voltage
IGATE = –100mA
0.20
V
Output High Voltage
IGATE = 100mA
11.8
V
Rise Time
CGATE = 3.3nF
20
80
ns
Fall Time
CGATE = 3.3nF
15
80
ns
Output Impedance
IGATE = 100mA
2
IGATE = –100mA
2
Foldback Current Limit
Clamp Level
Measured at Voltage EA Output;
VSENSE = VCOMMAND = 3V
4.4
V
VCOMMAND = 3V, VSENSE = 0
3.7
V
Note 1: This percentage is measured with respect to the ideal COMMAND voltage programmed by the D0 - D3 pins.
Decimal
Code
D3
D2
D1
D0
COMMAND
Voltage
15
11
11
2.0
14
11
10
2.1
13
11
01
2.2
12
11
00
2.3
11
10
11
2.4
10
10
10
2.5
910
01
2.6
810
00
2.7
701
11
2.8
601
10
2.9
501
01
3.0
401
00
3.1
300
11
3.2
200
10
3.3
100
01
3.4
000
00
3.5
Table 1. Programming the COMMAND Voltage
4


Similar Part No. - UCC3880-X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3880-4 TI1-UCC3880-4 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
UCC3880-5 TI1-UCC3880-5 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
UCC3880-6 TI1-UCC3880-6 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
More results

Similar Description - UCC3880-X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2880-4 TI1-UCC2880-4_08 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
logo
Pericom Semiconductor C...
PI6C106 PERICOM-PI6C106 Datasheet
370Kb / 8P
   Pentium/Pro System Clock Chip
logo
Integrated Circuit Syst...
ICS9150-01 ICST-ICS9150-01 Datasheet
329Kb / 14P
   Pentium Pro??and SDRAM Frequency Generator
ICS9248-55 ICST-ICS9248-55 Datasheet
271Kb / 10P
   Pentium/Pro/IITM System Clock Chip
ICS9150-02 ICST-ICS9150-02 Datasheet
511Kb / 8P
   Pentium Pro and SDRAM Frequency Generator
ICS9150-04 ICST-ICS9150-04 Datasheet
465Kb / 19P
   Pentium Pro??and SDRAM Frequency Generator
logo
Integrated Device Techn...
ICS9150-01 IDT-ICS9150-01 Datasheet
335Kb / 14P
   Pentium Pro??and SDRAM Frequency Generator
logo
Renesas Technology Corp
ICS9248-55 RENESAS-ICS9248-55 Datasheet
275Kb / 10P
   Pentium/Pro/IITM System Clock Chip
12/04/98
logo
Semtech Corporation
MP60-E SEMTECH-MP60-E Datasheet
20Kb / 3P
   PENTIUM PRO PROCESSOR VOLTAGE REGULATOR MODULE
logo
Integrated Device Techn...
ICS9150-04 IDT-ICS9150-04 Datasheet
464Kb / 19P
   Pentium Pro??and SDRAM Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com