Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3880-X Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC3880-X
Description  Pentium Pro Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3880-X Datasheet(HTML) 7 Page - Texas Instruments

  UCC3880-X Datasheet HTML 1Page - Texas Instruments UCC3880-X Datasheet HTML 2Page - Texas Instruments UCC3880-X Datasheet HTML 3Page - Texas Instruments UCC3880-X Datasheet HTML 4Page - Texas Instruments UCC3880-X Datasheet HTML 5Page - Texas Instruments UCC3880-X Datasheet HTML 6Page - Texas Instruments UCC3880-X Datasheet HTML 7Page - Texas Instruments UCC3880-X Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
Pentium® Pro is a registered trademark of Intel Corporation.
UCC2880-4/-5/-6
UCC3880-4/-5/-6
REF.
DESCRIPTION
PACKAGE
U1
Unitrode UCC3830DWP-5 DAC/PWM
SOIC-20 Wide
C1
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C2
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C3
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C4
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C5
Sprague/Vishay 595D475X0016A2B, 4.7
µF 16V Tantalum
SPRAGUE Size A
C6
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C7
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C8
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C9
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C10
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C11
Sprague 593D107X9010D2, 100
µF, 6.3V Tantalum
EIA Size D SMD
C12
0.10
µF Ceramic
1206 SMD
C13
0.01
µF Ceramic
0603 SMD
C14
0.01
µF Ceramic
0603 SMD
C15
0.01
µF Ceramic
0603 SMD
C16
1000pF Ceramic
0603 SMD
C17
0.10
µF Ceramic
1206 SMD
C18
33pF NPO Ceramic
0603 SMD
C19
1500pF Ceramic
0603 SMD
C20
82pF NPO Ceramic
0603 SMD
C21
0.10
µF Ceramic
1206 SMD
C22
0.10
µF Ceramic
1206 SMD
CR1
International Rectifier 32CTQ030 30V, 30A Schottky Diode
TO-220AB
L1
Micrometals T50-52B, 10 Turns #16AWG, 4.5
µH
Toroid
Q1
International Rectifier IRL3103, 30V, 56A
TO-220AB
R1
Dale/Vishay WSR-2 0.005
Ω 1%
SMD Power Package
R2
10
Ω, 5%, 1/16 Watt
0603 SMD
R3
8.2k
Ω, 5%, 1/16 Watt
0603 SMD
R4
6.81k
Ω, 1%, 1/16 Watt
0603 SMD
R5
3.92k
Ω, 1%, 1/16 Watt
0603 SMD
R6
261k
Ω, 1%, 1/16 Watt
0603 SMD
R7
100k
Ω, 1%, 1/16 Watt
0603 SMD
R8
3.92k
Ω, 1%, 1/16 Watt
0603 SMD
R9
10.5k
Ω, 1%, 1/16 Watt
0603 SMD
Q1-HS
AAVID 576802 TO-220 Heat Sink
TO-220AB
CR1-HS
AAVID 577002 TO-220 Heat Sink
TO-220AB
PARTS LIST
7


Similar Part No. - UCC3880-X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3880-4 TI1-UCC3880-4 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
UCC3880-5 TI1-UCC3880-5 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
UCC3880-6 TI1-UCC3880-6 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
More results

Similar Description - UCC3880-X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2880-4 TI1-UCC2880-4_08 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
logo
Pericom Semiconductor C...
PI6C106 PERICOM-PI6C106 Datasheet
370Kb / 8P
   Pentium/Pro System Clock Chip
logo
Integrated Circuit Syst...
ICS9150-01 ICST-ICS9150-01 Datasheet
329Kb / 14P
   Pentium Pro??and SDRAM Frequency Generator
ICS9248-55 ICST-ICS9248-55 Datasheet
271Kb / 10P
   Pentium/Pro/IITM System Clock Chip
ICS9150-02 ICST-ICS9150-02 Datasheet
511Kb / 8P
   Pentium Pro and SDRAM Frequency Generator
ICS9150-04 ICST-ICS9150-04 Datasheet
465Kb / 19P
   Pentium Pro??and SDRAM Frequency Generator
logo
Integrated Device Techn...
ICS9150-01 IDT-ICS9150-01 Datasheet
335Kb / 14P
   Pentium Pro??and SDRAM Frequency Generator
logo
Renesas Technology Corp
ICS9248-55 RENESAS-ICS9248-55 Datasheet
275Kb / 10P
   Pentium/Pro/IITM System Clock Chip
12/04/98
logo
Semtech Corporation
MP60-E SEMTECH-MP60-E Datasheet
20Kb / 3P
   PENTIUM PRO PROCESSOR VOLTAGE REGULATOR MODULE
logo
Integrated Device Techn...
ICS9150-04 IDT-ICS9150-04 Datasheet
464Kb / 19P
   Pentium Pro??and SDRAM Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com