Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3956 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC3956
Description  Switch Mode Lithium-Ion Battery Charger Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3956 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC3956 Datasheet HTML 2Page - Texas Instruments UCC3956 Datasheet HTML 3Page - Texas Instruments UCC3956 Datasheet HTML 4Page - Texas Instruments UCC3956 Datasheet HTML 5Page - Texas Instruments UCC3956 Datasheet HTML 6Page - Texas Instruments UCC3956 Datasheet HTML 7Page - Texas Instruments UCC3956 Datasheet HTML 8Page - Texas Instruments UCC3956 Datasheet HTML 9Page - Texas Instruments UCC3956 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
UCC2956
UCC3956
APPLICATION INFORMATION (cont.)
vides a gain of 5, an inverting stage adds a gain of 1.5,
and the modulator has a gain of 0.64; adding a fixed gain
of 4.8 to the power stage. The current amplifier’s gain be-
tween fOSC/10 and fOSC is equal to RF4 divided by the
parallel combination of RG1 and RG2 times the resistive
divider RG2/(RG1+RG2), simplifying to:
GCA = RF4
RG1
RF4 is selected to be 15k, resulting in a 10kHz crossover
frequency. Once RF4 is determined, CF3 and CF4 can
be selected to give corner frequencies at fOSC/10 and
fOSC respectively.
CF3 =
1
2• • fOSC• RF4
π
CF4 =
10
2• • fOSC• RF4
π
In the applications circuit, a value of 100pF is used for
CF3 and 1.0nF is used for CF4. Figure 4a shows the
power stage gain and feedback network gain for the cur-
rent loop. Figure 4b shows the total open loop gain and
phase.
Adding the Voltage Control Loop
The voltage loop comes into regulation during the over-
charge period of operation. The output of the voltage am-
plifier begins to decrease, demanding less current to the
battery. With the current loop closed, the power stage
gain of the voltage loop is equal to 1/(5*RSENSE) out to
the crossover frequency (10kHz). In order to avoid inter-
actions with the current loop, the voltage loop will cross
unity at 2kHz. The voltage loop is attenuated by the di-
vider RG1/(RG1+RG2). A single pole network is added
to the voltage amplifier, giving a high gain at DC. Refer-
ring to Figure 3, the voltage amplifier gain is equal to the
impedance of CF1 divided by RS1. A 2.2nF capacitor will
give a total crossover frequency near 2kHz. Figure 5a
shows the gain of the power and feedback stages for the
voltage loop. Figure 5b shows the total gain and phase of
the voltage loop.
-60
-40
-20
0
20
40
60
80
10
100
1000
10000
100000
1000000
FREQUENCY
POWER STAGE
GAIN
FEEDBACK
GAIN
Figure 5a. Voltage Loop Power Stage Gain
-150
-100
-50
0
50
100
10
100
1000
10000
100000
1000000
FREQUENCY
TOTAL LOOP GAIN
TOTAL PHASE
Figure 5b. Voltage Loop Total Gain and Phase
-80
-60
-40
-20
0
20
40
60
80
100
120
10
100
1000
10000
100000
1000000
FREQUENCY
TOTAL LOOP GAIN
TOTAL PHASE
Figure 4b. Current Loop Total Gain and Phase
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 • FAX (603) 424-3460


Similar Part No. - UCC3956

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3956 TI-UCC3956 Datasheet
535Kb / 19P
[Old version datasheet]   SWITCH-MODE LITHIUM-ION BATTERY CHARGE CONTROLLER
UCC3956DW TI-UCC3956DW Datasheet
535Kb / 19P
[Old version datasheet]   SWITCH-MODE LITHIUM-ION BATTERY CHARGE CONTROLLER
More results

Similar Description - UCC3956

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
   Switch-Mode Lithium-Ion Battery-Charger
2019
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
   Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
   Lithium-Ion Battery Charger Controller
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
[Old version datasheet]   Lithium-Ion Battery Charger Controller
logo
National Semiconductor ...
LM3622 NSC-LM3622 Datasheet
171Kb / 9P
   Lithium-Ion Battery Charger Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com