Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP-SMHP25LF-1K00-J Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # TFP-SMHP25LF-1K00-J
Description  Surface Mount TO-263 25W Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TFP-SMHP25LF-1K00-J Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  TFP-SMHP25LF-1K00-J Datasheet HTML 1Page - IRC - a TT electronics Company. TFP-SMHP25LF-1K00-J Datasheet HTML 2Page - IRC - a TT electronics Company. TFP-SMHP25LF-1K00-J Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMHP Series Issue July 2008
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount TO-263
25W Power Resistor
Physical Data
1.75
11.5
16.3
4.0
2.0
16.0
10.8
5.0±0.2
0.4
Reel Dimensions
Outer Diameter
300 mm
Inner Diameter
100 mm
Width
27.4 mm max
Quantity
500pcs/reel
Label Dimension
Label Dimension
A
10.1±0.2
H
2.75±0.2
B
10.3±0.2
J
0.5±0.05
C
4.5±0.2
K
0.75±0.05
E
5.0±1.0
L
1.5±0.05
F
2.5±0.5
M
5.08±0.10
G
2.2±0.2
N
1.5±0.05
Packaging Data
Environmental Data
Environmental Test
Test Method
Result
Load Life
1000 hours @ 25°C;
90 minutes on, 30 minutes off,
±1.0% +0.05Ω
Humidity
1000 hours; 40°C, 90 to 95% RH, 0.1W DC
±1.0% +0.05Ω
Temperature Cycle
5 cycles; 30 minutes@-55°C, 30 minutes @+155°C
±0.25% +0.05Ω
Short Time Overload
2X Rated Power, not to exceed 1.5X Rated Voltage for
5 seconds, 25°C with Heat Sink
±0.25% +0.05Ω
Vibration
2 hours;X, Y, Z axis,amplitude 1.5mm,10-55Hz sweep/min.
±0.25% +0.05Ω
Insulation Resistance
Between terminals and tab
>1000 MegΩ
Also available in tubes of 50 pieces.
Tube packaging material is RoHS compliant.
15.8
24.0±0.3
Tolerances are ±0.1mm unless otherwise shown


Similar Part No. - TFP-SMHP25LF-1K00-J

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
TFP-SMHP35LF-0R05-F IRCTT-TFP-SMHP35LF-0R05-F Datasheet
522Kb / 3P
   SMHP35 Series Power Resistor
TFP-SMHP35LF-0R05-J IRCTT-TFP-SMHP35LF-0R05-J Datasheet
522Kb / 3P
   SMHP35 Series Power Resistor
More results

Similar Description - TFP-SMHP25LF-1K00-J

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SMHP BITECH-SMHP Datasheet
799Kb / 2P
   20W TO-263 HIGH POWER SURFACE MOUNT RESISTORS
SMHP20500F BITECH-SMHP20500F Datasheet
792Kb / 2P
   20W TO-263 HIGH POWER SURFACE MOUNT RESISTORS
logo
Sharp Corporation
PQ1CY1032Z SHARP-PQ1CY1032Z Datasheet
94Kb / 9P
   TO-263 Surface Mount Type Chopper Regulator
PQ1CY1032ZXH SHARP-PQ1CY1032ZXH Datasheet
163Kb / 6P
   To-263 Surface Mount Type Chopper Regulator
PQ1CYXX3LZPH SHARP-PQ1CYXX3LZPH Datasheet
138Kb / 5P
   To-263 Surface Mount Type Chopper Regulator
logo
National Semiconductor ...
MKT-TS15B NSC-MKT-TS15B Datasheet
41Kb / 1P
   TO-263, MOLDED, 15 LEAD, SURFACE MOUNT
logo
List of Unclassifed Man...
TO-263-5 ETC-TO-263-5 Datasheet
138Kb / 1P
   5-Lead TO-263 Plastic Surface Mount Package
logo
Littelfuse
SMTOAK2 LITTELFUSE-SMTOAK2 Datasheet
448Kb / 4P
   Surface Mount - SMTO-263-2 kA
Revised: GD. 09/28/22
logo
Stackpole Electronics, ...
HPC SEI-HPC Datasheet
106Kb / 4P
   High Power Surface Mount Resistor
05/12/2016
logo
Bi technologies
SMP100J BITECH-SMP100J Datasheet
1Mb / 2P
   SURFACE MOUNT MOULDED POWER RESISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com