Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP521-4X Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # TLP521-4X
Description  HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TLP521-4X Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  TLP521-4X Datasheet HTML 1Page - ISOCOM COMPONENTS TLP521-4X Datasheet HTML 2Page - ISOCOM COMPONENTS TLP521-4X Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
7/4/03
DB92546m-AAS/A3
0.26
20.32
19.32
4.0
3.0
0.5
7.62
13°
Max
7.0
6.0
2.54
1.2
0.5
1.2
3.0
4.0
3.0
3.35
7.0
6.0
0.5
0.5
7.62
1
2
4
3
0.26
13°
Max
2.54
3.0
10.16
9.16
4.0
3.0
3.35
0.5
7.0
6.0
7.62
2
3
4
7
6
5
1.2
13°
Max
0.5
0.26
2.54
Dimensions in mm
HIGH DENSITY MOUNTING
PHOTOTRANSISTOR
OPTICALLY COUPLED ISOLATORS
APPROVALS
l
UL recognised, File No. E91231
'X'SPECIFICATIONAPPROVALS
l
VDE 0884 in 3 available lead form : -
- STD
- G form
- SMD approved to CECC 00802
l
BSI approved - Certificate No. 8001
DESCRIPTION
The TLP521, TLP521-2, TLP521-4 series of
optically coupled isolators consist of infrared
light emitting diodes and NPN silicon photo
transistors in space efficient dual in line plastic
packages.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Current Transfer Ratio ( 50% min)
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
High BV
CEO ( 55Vmin )
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
Computer terminals
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and impedances
3.35
5.08
4.08
1
8
TLP521
TLP521-2
TLP521-4
OPTION G
7.62
SURFACE MOUNT
OPTION SM
10.16
0.26
1
2
3
7
8
16
15
10
9
6
11
5
12
14
4
13
10.46
9.86
0.6
0.1
1.25
0.75
TLP521GB, TLP521-2GB, TLP521-4GB, TLP521, TLP521-2, TLP521-4
TLP521XGB, TLP521-2XGB, TLP521-4XGB
TLP521X, TLP521-2X, TLP521-4X


Similar Part No. - TLP521-4X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP521-4X ETC-TLP521-4X Datasheet
74Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TLP521-4XGB ETC-TLP521-4XGB Datasheet
74Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
TLP521-4XSM ISOCOM-TLP521-4XSM Datasheet
98Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - TLP521-4X

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ISP817 ISOCOM-ISP817_11 Datasheet
82Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
TLP521GB ETC-TLP521GB Datasheet
74Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP321-1X ISOCOM-ISP321-1X_08 Datasheet
91Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL191 ISOCOM-TIL191 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP817BXSMT-R ISOCOM-ISP817BXSMT-R Datasheet
82Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS357B ISOCOM-IS357B Datasheet
58Kb / 2P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PS2501-2XSM ISOCOM-PS2501-2XSM Datasheet
118Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP321-1X ISOCOM-ISP321-1X Datasheet
86Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP521-1 ISOCOM-ISP521-1_08 Datasheet
91Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com