Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3912PWP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3912PWP
Description  Programmable Hot Swap Power Manager
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3912PWP Datasheet(HTML) 3 Page - Texas Instruments

  UCC3912PWP Datasheet HTML 1Page - Texas Instruments UCC3912PWP Datasheet HTML 2Page - Texas Instruments UCC3912PWP Datasheet HTML 3Page - Texas Instruments UCC3912PWP Datasheet HTML 4Page - Texas Instruments UCC3912PWP Datasheet HTML 5Page - Texas Instruments UCC3912PWP Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
UCC3912
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TJ = 0
°C to 70°C, VIN = 5V,
IMAX = 0.4V, SHTDWN = 2.4V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Section (cont.)
Reverse Leakage Current
VIN <VOUT , SHTDWN = 0.2V,
VOUT = 5V
520
µA
Initial Start-up Time
(Note 2)
100
µs
Short Circuit Response
(Note 2)
100
ns
Thermal Shutdown
(Note 2)
170
°C
Thermal Hysteresis
(Note 2)
10
°C
DAC Section
Output Leakage
Code = 0000-0011
0
20
µA
Trip Current
Code = 0100
0.1
0.25
0.45
A
Code = 0101
0.25
0.50
0.75
A
Code = 0110
0.5
0.75
1.0
A
Code = 0111
0.75
1.00
1.25
A
Code = 1000
1.0
1.25
1.5
A
Code = 1001
1.25
1.50
1.75
A
Code = 1010
1.5
1.75
2.0
A
Code = 1011
1.7
2.00
2.3
A
Code = 1100
1.9
2.25
2.58
A
Code = 1101
2.1
2.50
2.9
A
Code = 1110
2.3
2.75
3.2
A
Code = 1111
2.5
3.0
3.5
A
Max Output Current
Code = 0000 to 0011
0.02
mA
Max Output Current Over Trip (Current Source
Mode)
Code = 0100 to 1111, IMAX = 0V
0.5
1.0
1.8
A
Max Output Current (Current Source Mode)
Code = 0100 to 1111, IMAX = 2.4V
3.0
4.0
5.2
A
Timer Section
CT Charge Current
VCT = 1.0V
−45.0 −36.0 −22.0
µA
CT Discharge Current
VCT = 1.0V
0.72
1.2
1.5
µA
Output Duty Cycle
VOUT = 0V
2.0
3.0
6.0
%
CT Fault Threshold
1.3
1.5
1.7
V
CT Reset Threshold
0.4
0.5
0.6
V
Shutdown Section
Shutdown Threshold
1.1
1.5
1.9
V
Shutdown Hysteresis
100
mV
Input Current
SHTDWN = 1V
100
500
nA
Fault Output Section
Output Leakage Current
500
nA
Low Level Output Voltage
IOUT = 10mA
0.4
0.8
V
TTL Input DC Characteristics Section
TTL Input Voltage High
(can be connected to VIN)
2.0
V
TTL Input Voltage Low
0.8
V
TTL Input High Current
VIH = 2.4V
3
10
µA
TTL Input Low Current
VIL = 0.4V
1
µA
Note 1: All voltages are with respect to Ground. Current is positive into and negative out of the specified terminal.
Note 2: Guaranteed by design. Not 100% tested in production.


Similar Part No. - UCC3912PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912PWP TI1-UCC3912PWP Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3912PWPG4 TI1-UCC3912PWPG4 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3912PWPTR TI1-UCC3912PWPTR Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3912PWPTRG4 TI1-UCC3912PWPTRG4 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
More results

Similar Description - UCC3912PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2915 TI-UCC2915 Datasheet
67Kb / 5P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com