Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3830DW-5 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3830DW-5
Description  5-Bit Microprocessor Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3830DW-5 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3830DW-5 Datasheet HTML 1Page - Texas Instruments UCC3830DW-5 Datasheet HTML 2Page - Texas Instruments UCC3830DW-5 Datasheet HTML 3Page - Texas Instruments UCC3830DW-5 Datasheet HTML 4Page - Texas Instruments UCC3830DW-5 Datasheet HTML 5Page - Texas Instruments UCC3830DW-5 Datasheet HTML 6Page - Texas Instruments UCC3830DW-5 Datasheet HTML 7Page - Texas Instruments UCC3830DW-5 Datasheet HTML 8Page - Texas Instruments UCC3830DW-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UCC3830-4/-5/-6
02/99
FEATURES
• 5-Bit Digital-to-Analog Converter
(DAC)
• Supports 4-Bit and 5-Bit
Microprocessor VID Codes
• Combined DAC/Voltage Monitor
and PWM Functions
• 1% DAC/Reference
• Current Sharing
• 100kHz, 200kHz, 400kHz
Oscillator Frequency Options
• Foldback Current Limiting
• Overvoltage and Undervoltage
Fault Windows
• Undervoltage Lockout
• 4Ω Totem Pole Output
• Chip Disable Function
5-Bit Microprocessor Power Supply Controller
BLOCK DIAGRAM
UDG-96188-2
DESCRIPTION
The UCC3830-4/-5/-6 is a fully integrated single chip solution ideal for power-
ing high performance microprocessors. The chip includes an average current
mode PWM controller, has a fully integrated 5-Bit DAC, and includes an
on-board precision reference and voltage monitor circuitry. The UCC3830-x
converts 5VDC to an adjustable output, ranging from 3.5VDC down to 1.8VDC
with 1% DC system accuracy (see Table 1). The UCC3830-x fully supports
Intel’s 4-bit Pentium® Pro and 5-bit Pentium® II VID codes.
The accuracy of the DAC/reference combination is 1%. The overvoltage and
undervoltage comparators monitor the system output voltage and indicate
when it rises above or falls below its programmed value by more than 8.5%. A
second overvoltage protection comparator pulls the current amplifier output
voltage low to force zero duty cycle when the system output voltage exceeds
its designed value by more than 17.5%. This comparator also terminates the
cycle. Undervoltage lockout circuitry assures the correct logic states at the
outputs during powerup and powerdown. The gate output can be disabled by
bringing the CAO/ENBL pin to below 0.8V.
(continued)


Similar Part No. - UCC3830DW-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC383 TI1-UCC383 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC383-3 TI-UCC383-3 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC383-3 TI-UCC383-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-3 TI1-UCC383-3 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-3 TI1-UCC383-3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC3830DW-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
   5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Texas Instruments
UCC3588 TI1-UCC3588_10 Datasheet
266Kb / 15P
[Old version datasheet]   5-BIT PROGRAMMABLE OUTPUT BICMOS POWER SUPPLY CONTROLLER
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
logo
Analog Devices
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV. 0
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV. A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
logo
Sanyo Semicon Device
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com