Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC39422PWTR Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC39422PWTR
Description  Multimode High Frequency PWM Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC39422PWTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC39422PWTR Datasheet HTML 7Page - Texas Instruments UCC39422PWTR Datasheet HTML 8Page - Texas Instruments UCC39422PWTR Datasheet HTML 9Page - Texas Instruments UCC39422PWTR Datasheet HTML 10Page - Texas Instruments UCC39422PWTR Datasheet HTML 11Page - Texas Instruments UCC39422PWTR Datasheet HTML 12Page - Texas Instruments UCC39422PWTR Datasheet HTML 13Page - Texas Instruments UCC39422PWTR Datasheet HTML 14Page - Texas Instruments UCC39422PWTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
choosing a topology and optimal synchronous rectifier (continued)
Note that the higher the frequency of operation, the more critical the MOSFET gate charge becomes for
efficiency, particularly at light loads. However, high load currents demand lower Rds(on), which tends to
increase gate charge. These two parameters should be balanced. At lower frequencies, the gate charge
becomes less important, at 1 MHz or more, it is critical.
Table 1. SELECTING TOPOLOGY BASED ON INPUT AND OUTPUT VOLTAGE REQUIREMENTS
Cell Type
Nunber of Cells
VIN Range
VOUT
Topology
2
1.8 V to 3.0 V
3.0 < V < 8.0
Boost
Alkaline or NiCd, NiMH
2.5 < V < 3.9
Flyback or SEPIC
Alkaline or NiCd, NiMH
3
2.7 V to 4.5 V
4.5 < V < 8.0
Boost
3
2.7 V to 4.5 V
V > 8.0
Non−synchronous boost
2.5 < V < 3.6
Flyback or SEPIC
Li-Ion
1
2.5 V to 4.2 V
4.2 < V < 8.0
Boost
Li-Ion
1
2.5 V to 4.2 V
V > 8.0
Non−synchronous boost
boost topology
The boost topology is simple and efficient, and should be used whenever the desired output voltage is greater
than the maximum input voltage.
boost using two n-channel MOSFETs
A boost converter using two N-channel MOSFETs is shown in Figure 4. This configuration is optimal for output
voltages below 4 V, where the output voltage may not be high enough to provide optimal gate drive for a
P-channel MOSFET. Note that in this case, a charge pump is required to provide proper gate drive levels. This
is easily accomplished by adding an external diode and a capacitor, as shown. The diode connects from the
output voltage to the CP pin. It should be an ultrafast or a Schottky diode. A 0.1-
µF ceramic capacitor is
connected from the drain of the charge FET to the CP pin. This is the “flying” capacitor that charges to (VOUT
– VDIODE) every time the charge FET is on. A charge pump reservoir capacitor is connected from the VPUMP
pin to ground. It should be at least 1
µF. A high-speed active rectifier inside the UCC39421 charges the pump
capacitor from the CP pin. The charge pump voltage is:
V
PUMP ^
2
V
OUT
(4)
For a block diagram of the charge pump logic, refer to Figure 12.
Note: A charge pump should not be used at output voltages over 4.0 V to avoid pump voltages exceeding 8 V.
For other applications, where the charge pump is not required, the CP pin should be grounded and the pin
should be connected to either VOUT or VIN, whichever is greater.


Similar Part No. - UCC39422PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39422N TI1-UCC39422N Datasheet
984Kb / 39P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
UCC39422NG4 TI-UCC39422NG4 Datasheet
981Kb / 40P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
UCC39422NG4 TI1-UCC39422NG4 Datasheet
984Kb / 39P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
More results

Similar Description - UCC39422PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29421 TI1-UCC29421_15 Datasheet
984Kb / 39P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
UCC39422NG4 TI-UCC39422NG4 Datasheet
981Kb / 40P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Infineon Technologies A...
ICE5ASAG INFINEON-ICE5ASAG Datasheet
1Mb / 29P
   Fixed Frequency PWM Controller
V 2.2 2018-03-02
logo
Feeling Technology Corp...
FP5003 FEELING-FP5003 Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com