Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3957-2 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3957-2
Description  Three - Four Cell Lithium-Ion Protector Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3957-2 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3957-2 Datasheet HTML 1Page - Texas Instruments UCC3957-2 Datasheet HTML 2Page - Texas Instruments UCC3957-2 Datasheet HTML 3Page - Texas Instruments UCC3957-2 Datasheet HTML 4Page - Texas Instruments UCC3957-2 Datasheet HTML 5Page - Texas Instruments UCC3957-2 Datasheet HTML 6Page - Texas Instruments UCC3957-2 Datasheet HTML 7Page - Texas Instruments UCC3957-2 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
UCC3957 -1/-2/-3/-4
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, VDD = 16V and –20°C < TA < 70°C, TA = TJ.
All voltages measured with respect to the AN4 terminal.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Section
Minimum VDD
5.0
5.5
V
Supply Current
30
40
µA
Sleep Mode Supply Current
VDD = 10.4V
3.5
7.5
µA
Output Section
DCHG Output Current
Driving Logic Low and VO = 1V
40
70
100
µA
Driving Logic High and VO = VDD – 1
–20
–7
–3
mA
CHG Ouput Current
Driving Logic Low and VO = 1V
40
70
100
µA
Driving Logic High and VO = VDD – 1V
–20
–7
–3
mA
State Transitions
Normal to Overcharge
UCC3957-1
4.15
4.20
4.25
V
Overcharge to Normal
UCC3957-1
3.95
4.00
4.05
V
Normal to Overcharge
UCC3957-2
4.20
4.25
4.30
V
Overcharge to Normal
UCC3957-2
4.00
4.05
4.10
V
Normal to Overcharge
UCC3957-3
4.25
4.30
4.35
V
Overcharge to Normal
UCC3957-3
4.05
4.10
4.15
V
Normal to Overcharge
UCC3957-4
4.30
4.35
4.40
V
Overcharge to Normal
UCC3957-4
4.10
4.15
4.20
V
Undercharge to Normal
2.5
2.6
2.7
V
Normal to Undercharge
2.2
2.3
2.4
V
OV to CHG Delay
(Note 1)
10
17
23
ms
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
Output Current (CHG, DCHG) . . . . . . . . . . . . . . . . . . . . . 25mA
WU Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28V
BATLO Input Voltage . . . . . . . . . . . . . . . . . . . . . . –0.3V to 2.5V
AN1 and AN3 Input Voltage . . . . . . . . . . . . . . . . . VAN4 – VDD
CLCNT and CHGEN . . . . . . . . . . . . . . . . . . . . . . . VAN4 – VDD
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Unless otherwise indicated, voltages are referenced to AN4.
Currents are positive into, negative out of the specified terminal.
Consult Packaging Section of Databook for thermal limitations
and considerations of packages.
DESCRIPTION (continued)
If at the end of the blanking time the overcurrent condi-
tion still exists, the external discharge FET is turned off
for a period 17 times longer than the first blanking pe-
riod, and then the discharge FET is turned back on. If at
any time a second higher overcurrent threshold is ex-
ceeded for more than a user programmable time, the dis-
charge FET is turned off, and will remain off for the same
period as the first tier off time. This two tiered overcurrent
protection scheme allows for charging capacitive loads
while retaining effective short circuit protection.
CDLY2
AVDD
DVDD
DCHG
CHG
CDLY1
AN4
CHGEN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLCNT
VDD
BATLO
AN3
AN4
WU
AN1
AN2
CONNECTION DIAGRAM
SSOP-16 (Top View)
M Package


Similar Part No. - UCC3957-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3957-2 ETC1-UCC3957-2 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957-2 TI-UCC3957-2 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957-2 TI-UCC3957-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
More results

Similar Description - UCC3957-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com