Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3912PWPTRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3912PWPTRG4
Description  Programmable Hot Swap Power Manager
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3912PWPTRG4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3912PWPTRG4 Datasheet HTML 1Page - Texas Instruments UCC3912PWPTRG4 Datasheet HTML 2Page - Texas Instruments UCC3912PWPTRG4 Datasheet HTML 3Page - Texas Instruments UCC3912PWPTRG4 Datasheet HTML 4Page - Texas Instruments UCC3912PWPTRG4 Datasheet HTML 5Page - Texas Instruments UCC3912PWPTRG4 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
UCC3912
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8 V
FAULT Sink Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
FAULT Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 to VIN
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . Self Limiting
Input Voltage
(B0, B1, B2, B3, IMAX, SHTDWN) . . . . . . . . . . . –0.3 to VIN
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Operating Junction Temperature Range . . . . –55
°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300
°C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TJ = 0
°C to 70°C, VIN = 5V,
IMAX = 0.4V, SHTDWN = 2.4V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Section
Voltage Input Range
3.0
8.0
V
Supply Current
1.0
2.0
mA
Sleep Mode Current
SHTDWN = 0.2V
0.5
5.0
µA
Output Section
Voltage Drop
IOUT = 1A
0.15
0.22
V
IOUT = 2A
0.3
0.45
V
IOUT = 3A
0.45
0.68
V
IOUT = 1A, VIN = 3V
0.17
0.27
V
IOUT = 2A, VIN = 3V
0.35
0.56
V
IOUT = 3A, VIN = 3V
0.5
0.8
V
CONNECTION DIAGRAMS
*Pin 5 serves as lowest impedance to the electrical ground;
Pins 4, 12, and 13 serve as heat sink/ground. These pins
should be connected to large etch areas to help dissipate
heat. For N package, pins 4, 12, and 13 are N/C.
The UCC3912 is designed for unidirectional current flow,
emulating an ideal diode in series with the power switch.
This feature is particularly attractive in applications
where many devices are powering a common bus, such
as with SCSI Termpwr.
The UCC3912 can be put into sleep mode drawing only
1
µA of supply current. The SHTDWN pin has a preset
threshold hysteresis which allows the user the ability to
set a time delay upon start-up to achieve sequencing of
power. Other features include an open drain FAULT out-
put indicator, Thermal Shutdown, Under Voltage Lock-
out, and a low thermal resistance Small outline package.
DESCRIPTION (cont.)
B3
N/C
GND*
GND*
FAULT
VIN
EGND*
GND*
GND*
VIN
N/C
GND*
SHTDWN
GND*
B2
GND*
GND*
CT
12
11
10
9
8
7
6
5
4
3
2
1
13
14
15
16
17
18
19
20
21
22
23
24
IMAX
VOUT
VOUT
B1
B0
GND*
TSSOP-24 (Top View)
PWP Package
DIL-16, SOIC-16 (Top View)
N, DP Package
*Pin 9 serves as lowest impedance to the electrical ground;
other GND pins serve as heat sink/ground. These pins
should be connected to large etch areas to help dissipate
heat.


Similar Part No. - UCC3912PWPTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912PWPTRG4 TI1-UCC3912PWPTRG4 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
More results

Similar Description - UCC3912PWPTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2915 TI-UCC2915 Datasheet
67Kb / 5P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com