Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL805 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # TL805
Description  2000A AC/DC Clamp Meter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TL805 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  TL805 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
380926 ................2000A True RMS DC/AC Clamp/DMM
380926-NIST ......2000A True RMS DC/AC Clamp/DMM w/NIST Certificate
TL805 ..................Spare Set of CAT. III-1000V Test Leads
CA899..................Large soft case with shoulder strap
Specifications
Ranges
Max. Resolution
Basic Accuracy (%rdg+digits)
DC/AC Current (Clamp): 400A, 2000A
0.1A
±(2% + 5d)
DC/AC Current (DMM):
400μA, 4000μA, 40mA, 400mA
0.1μA
±(1.2% + 5d)
DC Voltage:
400mV, 4.0V, 40V, 400V, 1000V
0.1mV
±(1% + 2d)
AC Voltage:
4V, 40V, 400V, 1000V
1mV
±(1.2% + 5d)
Capacitance:
50nF, 500nF, 5.0μF, 50μF
10pF
±(3% + 5d)
Resistance:
400Ω, 4.0kΩ, 40kΩ, 400kΩ, 4MΩ, 40MΩ
0.1Ω
±(1% + 5d)
Frequency:
5Hz, 50Hz, 500Hz, 5kHz, 50kHz, 100kHz
0.01Hz
±(1% + 5d)
Duty Cycle:
1% to 99%
0.1%
±(1% + 5d)
Diode Check:
yes
Continuity:
yes
Dimensions/Weight:
10 x 2.9 x 1.5" (255x73x38mm) / 14oz. (380g)
380926 Features:
Full function autoranging DMM includes
AC/DC Voltage and Current, Resistance, Capacitance,
Frequency, Duty Cycle, Diode and Continuity
Current measurements to 2000A through
the clamp and 400mA via test leads
Large 4000 count backlit display for high resolution
and easy viewing in dimly lit areas
Basic DCV accuracy of 1% with 0.1mV resolution
and current resolution to 0.1μA
Rugged 2" (50mm) jaws accomodate
one 2000MCM or two 500MCM cables
Features include DCA push button zero,
Relative measurements and Data Hold
Heavy duty ABS case with built-in stand
and thumb control function switch
Complete with test leads and 9V battery
Full range multimeter functions
With high resolution to 0.1μA/0.1mV and CAT IV-600V Safety Rating
2000A AC/DC Clamp Meter
Specifications subject to change without notice.
Copyright © 2009 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
7/9/09 - R1
Large jaw size for high current measurements


Similar Part No. - TL805

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TL805 EXTECH-TL805 Datasheet
271Kb / 1P
   Double Injected Test Leads
TL805 EXTECH-TL805_15 Datasheet
271Kb / 1P
   Double Injected Test Leads
More results

Similar Description - TL805

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
   2000A AC/DC Clamp Meter
380905 EXTECH-380905 Datasheet
206Kb / 1P
   2000A AC/DC Clamp-on Adaptor
MA220 EXTECH-MA220 Datasheet
227Kb / 9P
   400A AC/DC Clamp Meter
380950 EXTECH-380950 Datasheet
264Kb / 1P
   80A Mini AC/DC Clamp Meter
380652 EXTECH-380652 Datasheet
237Kb / 1P
   200A AC/DC Mini Clamp Meter
logo
List of Unclassifed Man...
316 ETC2-316 Datasheet
64Kb / 1P
   Milli-Amp AC/DC Clamp Meter
logo
Extech Instruments Corp...
380950 EXTECH-380950_15 Datasheet
229Kb / 1P
   80A Mini AC/DC Clamp Meter
EX613 EXTECH-EX613 Datasheet
384Kb / 14P
   400Amp True RMS AC/DC Clamp Meter
MA640 EXTECH-MA640 Datasheet
306Kb / 12P
   600Amp AC/DC True RMS Clamp Meter
MA120 EXTECH-MA120 Datasheet
174Kb / 5P
   200A AC/DC Mini Clamp-on Meter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com