Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC561DPTRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC561DPTRG4
Description  Low Voltage Differential SCSI LVD 27 Line Regulator Set
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC561DPTRG4 Datasheet(HTML) 4 Page - Texas Instruments

  UCC561DPTRG4 Datasheet HTML 1Page - Texas Instruments UCC561DPTRG4 Datasheet HTML 2Page - Texas Instruments UCC561DPTRG4 Datasheet HTML 3Page - Texas Instruments UCC561DPTRG4 Datasheet HTML 4Page - Texas Instruments UCC561DPTRG4 Datasheet HTML 5Page - Texas Instruments UCC561DPTRG4 Datasheet HTML 6Page - Texas Instruments UCC561DPTRG4 Datasheet HTML 7Page - Texas Instruments UCC561DPTRG4 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UCC561
SLUS413B -- MAY 1999 -- REVISED NOVEMBER 2002
www.ti.com
4
APPLICATION INFORMATION
The resistor stack with the 1.75-V and 0.75-V reference gives the correct differential impedance, bias voltage,
common mode differential impedance, and common mode voltage as show in Table 1.
Table 1. UCC561 Resistor Stack vs. Standard (SPI--2 through SPI--4)
PARAMETER
UCC561
STANDARD
UNITS
Differential Impedance
107.3
100 to 110
W
Differential bias voltage
112.9
100 to 125
mV
Common-mode differential impedance
237
100 to 300
W
Common-mode voltage
1.25
1.2to1.3
V
UDG--98096
1.3 V ±100 mV
1.75 V ±50 mV
200 mA SOURCE/SINK
L1+
L27--
L27+
SOURCE/SINK REGULATOR
REF
1.3V
7
DIFSENS
DIFSENS: SOURCE ONLY FROM TERMPWR
2TERMPWR
4PGND
L1--
121 1%
121 1%
6
REF
1.75V
4.7
mF
REG1
3
REG2
SOURCE/SINK REGULATOR
REF
0.75V
200mA SOURCE/SINK
4.7
mF
DIFSENS
475 1%
475 1%
475 1%
475 1%
4.7
mF
TERMPWR
2.7V TO 5.25V
0.75 V ±50 mV
Figure 1. Low-Voltage Differential Discrete Resistor Stack


Similar Part No. - UCC561DPTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5610 TI-UCC5610 Datasheet
243Kb / 5P
[Old version datasheet]   18-Line 3-5 Volt Low Capacitance SCSI Active Terminator
UCC5610 TI1-UCC5610 Datasheet
238Kb / 8P
[Old version datasheet]   18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5610DWP TI1-UCC5610DWP Datasheet
238Kb / 8P
[Old version datasheet]   18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5610DWPG4 TI1-UCC5610DWPG4 Datasheet
238Kb / 8P
[Old version datasheet]   18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5610DWPTR TI1-UCC5610DWPTR Datasheet
238Kb / 8P
[Old version datasheet]   18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
More results

Similar Description - UCC561DPTRG4

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G261 GMT-G261 Datasheet
227Kb / 5P
   Low Voltage Differential (LVD) SCSI 27 Line Regulator Set
logo
Maxim Integrated Produc...
DS2129 MAXIM-DS2129 Datasheet
195Kb / 5P
   LVD SCSI 27-Line Regulator
Rev 1; 2/06
logo
Dallas Semiconductor
DS2129 DALLAS-DS2129 Datasheet
158Kb / 5P
   LVD SCSI 27-Line Regulator
logo
Microsemi Corporation
LX5261 MICROSEMI-LX5261 Datasheet
148Kb / 6P
   27-Line LVD SCSI Source/Sink Regulator
logo
Texas Instruments
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5640 TI-UCC5640 Datasheet
171Kb / 10P
[Old version datasheet]   Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5641 TI-UCC5641 Datasheet
66Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5510 TI-UCC5510 Datasheet
40Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5630 TI1-UCC5630_08 Datasheet
65Kb / 5P
[Old version datasheet]   Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com