Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5630AMWP Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC5630AMWP
Description  Multimode SCSI 9 Line Terminator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5630AMWP Datasheet(HTML) 5 Page - Texas Instruments

  UCC5630AMWP Datasheet HTML 1Page - Texas Instruments UCC5630AMWP Datasheet HTML 2Page - Texas Instruments UCC5630AMWP Datasheet HTML 3Page - Texas Instruments UCC5630AMWP Datasheet HTML 4Page - Texas Instruments UCC5630AMWP Datasheet HTML 5Page - Texas Instruments UCC5630AMWP Datasheet HTML 6Page - Texas Instruments UCC5630AMWP Datasheet HTML 7Page - Texas Instruments UCC5630AMWP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
UCC5630A
REG
TERMPWR
DISCNCT
TERMPWR
DIFFB
REG
DIFF B
TERMPWR
TERMPWR
4.7
µF .
4.7
µF .
4.7
µF .
4.7
µF
4.7
µF .
36
17
20
1
21
20
21
1
CONTROL LINES
36
DISCNCT 17
CONTROL LINES
DIFSENS
DIFSENS
REG
TERMPWR
DISCNCT
DIFF B
4.7
µF .
36
17
1
21
DATA LINES (9)
REG
TERMPWR
DIFFB
4.7
µF .
36
19
1
21
DATA LINES (9)
TERMPWR
REG
DIFFB
4.7
µF
21
1
DATA LINES (9)
36
DISCNCT 17
TERMPWR
REG
DIFFB
4.7
µF
21
1
DATA LINES (9)
36
DISCNCT 17
4.7
µF .
MSTR/SLV
19
19
MSTR/SLV
19
MSTR/SLV
19
MSTR/SLV
MSTR/SLV
19
DISCNCT
17
MSTR/SLV
50k
50k
20
20
20
20 NC
NC
NC
NC
APPLICATION INFORMATION
Figure 2. Application diagram.
UDG-98193
All SCSI buses require a termination network at each
end to function properly. Specific termination require-
ments differ, depending on which types of SCSI devices
are present on the bus.
The UCC5630A is used in multi-mode active termination
applications, where single ended (SE) and low voltage
differential (LVD) devices might coexist. The UCC5630A
has both SE and LVD termination networks integrated
into a single monolithic component. The correct termina-
tion network is automatically determined by the SCSI bus
"DIFSENS" signal.
The SCSI bus DIFSENS signal line is used to identify
which types of SCSI devices are present on the bus. On
power-up, the UCC5630A DIFSENS drivers will try to de-
liver 1.3V to the DIFSENS line. If only LVD devices are
present, the DIFSENS line will be successfully driven to
1.3V and the terminators will configure for LVD operation.
If any single ended devices are present, they will present
a short to ground on the DIFSENS line, signaling the
UCC5630A(s) to configure into the SE mode, accommo-
dating the SE devices. Or, if any high voltage differential
(HVD) devices are present, the DIFSENS line is pulled
high and the terminator will enter a high impedance
state, effectively disconnecting from the bus.


Similar Part No. - UCC5630AMWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5630AMWP TI1-UCC5630AMWP Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630AMWP/81535 TI1-UCC5630AMWP/81535 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630AMWPG4 TI1-UCC5630AMWPG4 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630AMWPR/81535 TI1-UCC5630AMWPR/81535 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630AMWPTR TI1-UCC5630AMWPTR Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
More results

Similar Description - UCC5630AMWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
   9-Line Multimode SCSI Terminator
LX5250 MICROSEMI-LX5250 Datasheet
188Kb / 8P
   9-Line Multimode SCSI Terminator
logo
Texas Instruments
UCC5631A TI1-UCC5631A_09 Datasheet
265Kb / 10P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5628 TI-UCC5628 Datasheet
68Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com