Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5638FQPTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC5638FQPTR
Description  Multimode SCSI 15 Line Terminator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5638FQPTR Datasheet(HTML) 3 Page - Texas Instruments

  UCC5638FQPTR Datasheet HTML 1Page - Texas Instruments UCC5638FQPTR Datasheet HTML 2Page - Texas Instruments UCC5638FQPTR Datasheet HTML 3Page - Texas Instruments UCC5638FQPTR Datasheet HTML 4Page - Texas Instruments UCC5638FQPTR Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
UCC5638
PIN DESCRIPTIONS
DIFFB: Diff sense filter pin should be connected at a
0.1 F capacitor.
DIFFSENS: The SCSI bus Diff Sense line to detect what
types of devices are connected to the SCSI bus.
DISCNCT: Disconnect pin shuts down the terminator
when it is not at the end of the bus. The disconnect pin
low enables the terminator.
Note: In Disconnect Mode, the comparitor set powers down for
low idle current.
LINE
n–: Signal line active line for single ended or nega-
tive line in differential applications for the SCSI bus.
LINE
n+: Ground line for single ended or positive line for
differential applications for the SCSI bus.
REG: Regulator bypass pin, must be connected to a
F capacitor.
TRMPWR: VIN 2.7V to 5.25V supply, bypass near the
terminator with a 4.7
µF capacitor to ground.
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA =TJ = 0°C to 70°C,
TRMPWR = 3.3V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Single Ended Termination Section
Impedance
Z
VL
V
IL
X
X
=
(.
)
02
, (Note 3)
102.3
110
117.7
Termination Current
Signal Level 0.2V, All Lines Low
–21
–24
–25.4
mA
Signal Level 0.5V
–18
–22.4
mA
Output Leakage
400
nA
Output Capacitance
Single Ended Measurement to Ground (Note 1)
3
pF
Single Ended GND SE Impedance
I= 10mA
20
60
Disconnect and Diff Buffer Input Section
DISCNCT Threshold
0.8
2.0
V
DISCNCT Input Current
10
30
A
Diff Buffer Single Ended to LVD Threshold
0.5
0.7
V
Diff Buffer LVD to HPD Threshold
1.9
2.4
V
DIFFB Input Current
–10
10
A
Note 1: Guaranteed by design. Not 100% tested in production.
Note 2: Line+ (positive) tied to Line– (negative); []
12
.
(
max)
(
min)
V
II
VCM
VCM
Note 3: VLX= Output voltage for each terminator minus output pin (L1– through L15–) with each pin unloaded.
ILX = Output current for each terminator minus output pin (L1– through L15–) with the minus output pin forced to 0.2V.


Similar Part No. - UCC5638FQPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5638FQPTR TI1-UCC5638FQPTR Datasheet
138Kb / 8P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
UCC5638FQPTRG4 TI1-UCC5638FQPTRG4 Datasheet
138Kb / 8P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
More results

Similar Description - UCC5638FQPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5638 TI1-UCC5638_06 Datasheet
138Kb / 8P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
UCC5639 TI-UCC5639 Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 15 Line Terminator with Reverse Disconnect
UCC5628 TI-UCC5628 Datasheet
68Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
UCC5629 TI-UCC5629 Datasheet
54Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5629 TI1-UCC5629_08 Datasheet
403Kb / 12P
[Old version datasheet]   MULTIMODE SCSI 14 LINE TERMINATOR
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
   9-Line Multimode SCSI Terminator
logo
Texas Instruments
UCC5631A TI1-UCC5631A_09 Datasheet
265Kb / 10P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5628 TI1-UCC5628_08 Datasheet
393Kb / 11P
[Old version datasheet]   MULTIMODE SCSI 14 LINE TERMINATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com