Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPC-3610 Datasheet(PDF) 9 Page - BOSER Technology Co., Ltd

Part # BPC-3610
Description  10.4??Small Size Panel PC with CF, TV-Out, AC/DC P/S
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-3610 Datasheet(HTML) 9 Page - BOSER Technology Co., Ltd

Back Button BPC-3610 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 10Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 11Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 12Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 13Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
3
Panel & Touch Screen
LCD Size
10.4”
Max Resolution
800(H) x 600(V) pixels RGB stripes arrangement
Brightness (cd/m
2)
250 cd/m
2 (Typ.)
LCD Color
6-bit, 262,144 colors
Pixel Pitch (mm)
0.264(H) x 0.264(V)
Touch Screen
10.4” resistive
Mechanical & Environmental
Thermal Solution
4cm ball bearing cooling fan x 1
Front Panel Color
Black
Dimension (LxHxW)
28.5 x 22.5 x 6.8 mm
Operation Temperature
0~+45 degrees C
Storage Temperature
-20~+70 degrees C
EMC
FCC/CE
Front Panel Protection
IP65 Compliance
Power Supply
70W AC or 80W DC P/S
I/O Interface
External I/O
USB x 1, Line Out, MIC In, COM x 3, CF, TV-Out, LAN, PS/2 KB/MS,
VGA


Similar Part No. - BPC-3610

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-5017-J BOSER-BPC-5017-J Datasheet
281Kb / 1P
   Aluminum front panel design
BPC-6169 BOSER-BPC-6169 Datasheet
310Kb / 1P
   15" Industrial Panel PC with MainBoard, Expansion slot x 3, Touch Screen, 250W ATX P/S
BPC-6169 BOSER-BPC-6169 Datasheet
740Kb / 26P
   15??TFT Industrial Panel PC with PCI-ISA Bus SBC & three PCI Slots
BPC-6169-I BOSER-BPC-6169-I Datasheet
310Kb / 1P
   15" Industrial Panel PC with MainBoard, Expansion slot x 3, Touch Screen, 250W ATX P/S
BPC-6169-W BOSER-BPC-6169-W Datasheet
310Kb / 1P
   15" Industrial Panel PC with MainBoard, Expansion slot x 3, Touch Screen, 250W ATX P/S
More results

Similar Description - BPC-3610

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-2605 BOSER-HS-2605 Datasheet
444Kb / 1P
   Eden processor Embedded Engine Board with CF, CRT/Panel, TV-Out, LAN, Audio
HS-2607 BOSER-HS-2607 Datasheet
155Kb / 1P
   Eden processor Embedded Engine Board with CF, CRT/Panel, TV-Out, Dual LAN, Audio, USB2.0
logo
Intel Corporation
EM104P-I6023 INTEL-EM104P-I6023 Datasheet
88Kb / 1P
   Intel Ultra Low Voltage Celeron 400 PC/104 Board with VGA/LCD, TV-out, CF, PC/104 & PC/104-Plus
logo
ETA-USA
AOPS1500 ETA-USA-AOPS1500 Datasheet
2Mb / 5P
   1500W AC/DC Small Size
AOPS75 ETA-USA-AOPS75 Datasheet
5Mb / 5P
   75W AC/DC Small Size
logo
Schneider Electric
HMIPSPC952D1W01 SCHNEIDER-HMIPSPC952D1W01 Datasheet
181Kb / 7P
   Multi touch screen, Harmony iPC, S Panel PC Performance CF W19 DC WES
May 2, 2022
HMIPSPC752D1W01 SCHNEIDER-HMIPSPC752D1W01 Datasheet
182Kb / 7P
   Multi touch screen, Harmony iPC, S Panel PC Performance CF W15 DC WES
May 2, 2022
logo
BOSER Technology Co., L...
BPF-3219-Y BOSER-BPF-3219-Y Datasheet
672Kb / 1P
   19 Fanless Panel PC with Touch Screen, V4 Eden, 2W Stereo, TV-out
logo
Advantech Co., Ltd.
PPC-3100-RAE ADVANTECH-PPC-3100-RAE Datasheet
478Kb / 2P
   10.4" Fanless Panel PC with Intel짰 Atom??D2550 Processor
PPC-103T ADVANTECH-PPC-103T Datasheet
360Kb / 2P
   10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com