Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57JE Datasheet(PDF) 1 Page - DDK Ltd.

Part # 57JE
Description  Right Angle Hood Parallel Interface Plug Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57JE Datasheet(HTML) 1 Page - DDK Ltd.

  57JE Datasheet HTML 1Page - DDK Ltd. 57JE Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
・Soldering connector with right angle hood. Right angle hood is low profile designed for short height.
・The metal shell is beat-process and the metal hood is good performance in EMI shield.
・Intermateable with 57 family connectors.
RoHS
Compliant
RoHS
Compliant
Right Angle Hood Parallel Interface Plug Connector
57JE Series
Rated Voltage
500V AC(r.m.s.)
Rated Current
5A / contact
Dielectric Withstanding Voltage
1200V AC(r.m.s.) / 1 minute
Insulation Resistance
1000M Ω (min.) at 500V DC
Contact Resistance
5m Ω (max.) at 5V DC
Operating Temperature
-55℃∼ 105℃
Item
Material / Finish
Insert
DAP Resin (UL94V-0) / Blue
Shell
Brass / Nickel Plating
Contact
Copper Alloy / Au(0.5 μ m) over Ni Plating
Cable Clamp
Steel / Ni Plating
Hood
Aluminum Diecast / Non-Conductive Paint Finish(Outside Only)
090703
SPECIFICATIONS
FEATURES
MATERIAL / FINISH
※ The mating connector should be 57 family 40 type with bent latch.


Similar Description - 57JE

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD373-010-6141G WINCHESTER-SD373-010-6141G Datasheet
38Kb / 1P
   DIN RIGHT ANGLE PLUG DIN RIGHT ANGLE PLUG
logo
Rosenberger Hochfrequen...
51S207-306N5 ROSENBERGER-51S207-306N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
51S207-303N5 ROSENBERGER-51S207-303N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
51S207-308N5 ROSENBERGER-51S207-308N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
59S2MU-40MT5-Y ROSENBERGER-59S2MU-40MT5-Y Datasheet
799Kb / 3P
   RIGHT ANGLE PLUG
53S205-272N5 ROSENBERGER-53S205-272N5 Datasheet
111Kb / 2P
   RIGHT ANGLE PLUG
60S23B-317N1 ROSENBERGER-60S23B-317N1 Datasheet
91Kb / 2P
   Right Angle Plug
45S201-302L5 ROSENBERGER-45S201-302L5 Datasheet
44Kb / 2P
   RIGHT ANGLE PLUG
45S201-303L5 ROSENBERGER-45S201-303L5 Datasheet
44Kb / 2P
   RIGHT ANGLE PLUG
60S23B-315N1 ROSENBERGER-60S23B-315N1 Datasheet
92Kb / 2P
   Right Angle Plug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com