Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57GE-10240-752FA Datasheet(PDF) 4 Page - DDK Ltd.

Part # 57GE-10240-752FA
Description  Straight Solder DIP Termination Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57GE-10240-752FA Datasheet(HTML) 4 Page - DDK Ltd.

  57GE-10240-752FA Datasheet HTML 1Page - DDK Ltd. 57GE-10240-752FA Datasheet HTML 2Page - DDK Ltd. 57GE-10240-752FA Datasheet HTML 3Page - DDK Ltd. 57GE-10240-752FA Datasheet HTML 4Page - DDK Ltd. 57GE-10240-752FA Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Unit:mm
57GE Series
http://www.ddknet.co.jp
4
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○ 40 Type Interface Receptacle
B
A
C
D
2.159
4.2
0.3
D
0.5
2.159
2-φ3.1max. hole
No.1 Contact
No.n Contact
No.n/2 Contact
No.n/2+1 Contact
Section X­X
X
X
PCB Mounting Dimensions
Applicable PCB Thickness=1.6 0.19mm   
B 0.1
D 0.1
2.159 0.08
2-φ3.2 0.1 hole
Through Hole
n-φ0.8
+0.1
0
(11.52)
 Panel Mounting Dimensions(Rear Mounting)
Applicable Panel Thickness=1.6mm max.
2-R
4-R0.4 max.
B 0.1
E
+0.2
0
+0.2
0
※1:When the mating connector is 57F or 57FE series,
the size ※1 is 16.20
Part Number
Number of
Contact
ABC
D
E
57GE-40140- □ 51-FA
14
44.00
36.00
25.4
12.954
35.30
57GE-40240- □ 51-FA
24
54.78
46.78
36.2
23.749
46.08
57GE-40360- □ 51-FA
36
67.74
59.74
49.0
36.703
59.04
57GE-40500- □ 51-FA
50
82.85
74.85
64.2
51.816
74.15
57GE-40360-751-FA
Mating Style
40: Receptacle with Spring Latch
Number of Contact
14, 24, 36, 50
Contact Tail Length
5: 3.2mm
Contact Tail Spacing
1: 4.2mm
Contact Plating
6: Contact Area: Au(0.76μm) over Ni Plating
Tail Area: Sn-Ag over Ni Plating
7: Contact Area: Au(0.38μm) over Ni Plating
  Tail Area: Sn-Ag over Ni Plating
FA: Lead Free


Similar Part No. - 57GE-10240-752FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57GE-40140-751(D15)-FA DDK-57GE-40140-751(D15)-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
57GE-40240-751(D15)-FA DDK-57GE-40240-751(D15)-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
57GE-40360-751(D15)-FA DDK-57GE-40360-751(D15)-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
57GE-40360-751-FA DDK-57GE-40360-751-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
57GE-40500-751(D15)-FA DDK-57GE-40500-751(D15)-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
More results

Similar Description - 57GE-10240-752FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57GE-40360-751-FA DDK-57GE-40360-751-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
logo
Vishay Siliconix
EBT156 VISHAY-EBT156_09 Datasheet
266Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap Termination
Revision: 16-Feb-09
EBT156 VISHAY-EBT156 Datasheet
183Kb / 4P
   Edgeboard Connectors Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
EBT156 VISHAY-EBT156_V01 Datasheet
250Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
01-Jan-2022
logo
DDK Ltd.
57RE DDK-57RE Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
57RE-40140-730B-FA DDK-57RE-40140-730B-FA Datasheet
316Kb / 5P
   Right Angle Solder Termination Connectors
17JE DDK-17JE_2 Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17DE-23090-C DDK-17DE-23090-C Datasheet
572Kb / 4P
   D-Sub Connectors Straight DIP Type
logo
Yamaichi Electronics Co...
NHS068SZ-002-BF0 YAMAICHI-NHS068SZ-002-BF0 Datasheet
136Kb / 2P
   Solder Dip Socket
logo
List of Unclassifed Man...
VERTICAL ETC2-VERTICAL Datasheet
292Kb / 3P
   MALE-DIP SOLDER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com