Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5950 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC5950
Description  10-Bit Serial D/A Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5950 Datasheet(HTML) 4 Page - Texas Instruments

  UCC5950 Datasheet HTML 1Page - Texas Instruments UCC5950 Datasheet HTML 2Page - Texas Instruments UCC5950 Datasheet HTML 3Page - Texas Instruments UCC5950 Datasheet HTML 4Page - Texas Instruments UCC5950 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UCC5950
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
SLOD
Internal Flag
SCLK
SDIO
Internal Count
Action
DACOUT
11
don’t care
don’t care
0
no action
V(t)
0
0
rising edge
DATA
<10
Shift In DATA
V(t)
0
0
rising edge
DATA
10
Latch New DATA
Set Internal Flag
Reset Count
V(t+1)
01
don’t care
don’t care
0
no action
V(t)
SERIAL DATA INTERFACE TIMING AND LOGIC TABLE
PIN DESCRIPTIONS
DACOUT: The output of the 10-bit D/A Converter. For
best settling time, minimize load capacitance.
DACOUT will go to a voltage between 1.094V and
3.208V depending on the digital code loaded into the
latches. The digital code follows this pattern:
Input Code
Typical DACOUT
Significance
1000000000
1.094V
Zero Scale
1000000001
1.096V
1000000010
1.098V
...
1111111111
2.151V
0000000000
2.153V
Mid Scale
0000000001
2.155V
...
0111111110
3.206V
0111111111
3.208V
Full Scale
GND: All signals are referenced to GND.
REFOUT: The output of the temperature-compensated
2.15V reference.
DO NOT BYPASS REFOUT! For best
stability and transient response, minimize capacitance on
REFOUT.
SCLK: Data is clocked into the D/A after SLOD goes low
on rising edges of SCLK. After 10 rising edges of SCLK,
the data is latched into the D/A output register and the
output is updated. Further clock signals on SCLK are ig-
nored until SLOD initiates a new read cycle.
SDIO: After SLOD goes low, data is clocked into the D/A
from the SDIO input, on rising edges of SCLK, LSB first.
After 10 rising edges, data is latched and converted, and
further SCLK and SDIO information is ignored.
SLEEP: SLEEP is the power-down input to the D/A. In
systems not requiring this function, wire SLEEP to GND.
SLOD: SLOD is the chip-select input to the UCC5950.
SLOD going low selects the D/A and enables clocking of
data from SDIO into the D/A. After 10 SCLK pulses, the
D/A is updated and SLOD is ignored until SLOD goes
high and again goes low.
VDD: All analog and digital functions are powered from
VDD. VDD should be a well-regulated supply to minimize
output variations. Bypass VDD to GND with a ceramic
capacitor very close to the UCC5950.
UDG-95035
4


Similar Part No. - UCC5950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5950 TI-UCC5950 Datasheet
171Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
UCC5950D TI-UCC5950D Datasheet
171Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
UCC5950DTR TI-UCC5950DTR Datasheet
171Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
UCC5950N TI-UCC5950N Datasheet
171Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
More results

Similar Description - UCC5950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5950D TI-UCC5950D Datasheet
171Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
   CMOS Serial 10-Bit A/D Converter
July 1998
CDP68HC68A2 INTERSIL-CDP68HC68A2_02 Datasheet
655Kb / 15P
   CMOS Serial 10-Bit A/D Converter
logo
Toshiba Semiconductor
TC35080P TOSHIBA-TC35080P Datasheet
730Kb / 11P
   10-BIT SERIAL I/O A/D CONVERTER
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
logo
Cadeka Microcircuits LL...
SPT7830 CADEKA-SPT7830 Datasheet
166Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
LANSDALE Semiconductor ...
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com