Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57GE-40240-651-FA Datasheet(PDF) 1 Page - DDK Ltd.

Part # 57GE-40240-651-FA
Description  Straight Solder DIP Termination Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57GE-40240-651-FA Datasheet(HTML) 1 Page - DDK Ltd.

  57GE-40240-651-FA Datasheet HTML 1Page - DDK Ltd. 57GE-40240-651-FA Datasheet HTML 2Page - DDK Ltd. 57GE-40240-651-FA Datasheet HTML 3Page - DDK Ltd. 57GE-40240-651-FA Datasheet HTML 4Page - DDK Ltd. 57GE-40240-651-FA Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
RoHS
Compliant
RoHS
Compliant
Straight Solder DIP Termination Connectors
57GE Series
・57GE series is straight DIP termination connectors which shielded the interface
for ESD protection.
・Mounting height is 6.9mm from PCB surface. It is same mounting height as our D-sub
straight DIP termination connectors(17JE series).
・Cantilever contact design
・Intermatable with each 57, 57F, 57FE, 57JE series connectors.
・10 Type (Rack and Panel Mounting Plug)
・20 Type (Rack and Panel Mounting Receptacle)
・40 Type (Interface Receptacle)
090702
FEAURES
SPECIFICATIONS
MATERIAL/FINISH
ITEM
MATERIAL/FINISH
Insulator
PBT Resin(UL94V-0) / Blue or Black
Shell
Steel or Brass / Ni Plating
Contact
Copper Alloy / Au over Ni Plating
Bail Lock
Stainless Steel(40 Type)
Rated Voltage
500V AC(r.m.s.)
Rated Current
3A / Contact
Dielectric Withstanding Voltage
1200V AC(r.m.s.)at 1 minute
Insulation Resistance
1000M Ω (min.) at 500V DC
Contact Resistance
35m Ω (max.)
Operating Temperature
-55℃∼ 105℃


Similar Part No. - 57GE-40240-651-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57GE-40240-751(D15)-FA DDK-57GE-40240-751(D15)-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
More results

Similar Description - 57GE-40240-651-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57GE-40360-751-FA DDK-57GE-40360-751-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
logo
Vishay Siliconix
EBT156 VISHAY-EBT156_09 Datasheet
266Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap Termination
Revision: 16-Feb-09
EBT156 VISHAY-EBT156 Datasheet
183Kb / 4P
   Edgeboard Connectors Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
EBT156 VISHAY-EBT156_V01 Datasheet
250Kb / 4P
   Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
01-Jan-2022
logo
DDK Ltd.
57RE DDK-57RE Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
57RE-40140-730B-FA DDK-57RE-40140-730B-FA Datasheet
316Kb / 5P
   Right Angle Solder Termination Connectors
17JE DDK-17JE_2 Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17DE-23090-C DDK-17DE-23090-C Datasheet
572Kb / 4P
   D-Sub Connectors Straight DIP Type
logo
Yamaichi Electronics Co...
NHS068SZ-002-BF0 YAMAICHI-NHS068SZ-002-BF0 Datasheet
136Kb / 2P
   Solder Dip Socket
logo
List of Unclassifed Man...
VERTICAL ETC2-VERTICAL Datasheet
292Kb / 3P
   MALE-DIP SOLDER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com