Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BNC-P-5 Datasheet(PDF) 4 Page - DDK Ltd.

Part # BNC-P-5
Description  BNC Type Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-P-5 Datasheet(HTML) 4 Page - DDK Ltd.

  BNC-P-5 Datasheet HTML 1Page - DDK Ltd. BNC-P-5 Datasheet HTML 2Page - DDK Ltd. BNC-P-5 Datasheet HTML 3Page - DDK Ltd. BNC-P-5 Datasheet HTML 4Page - DDK Ltd. BNC-P-5 Datasheet HTML 5Page - DDK Ltd. BNC-P-5 Datasheet HTML 6Page - DDK Ltd. BNC-P-5 Datasheet HTML 7Page - DDK Ltd. BNC-P-5 Datasheet HTML 8Page - DDK Ltd. BNC-P-5 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
 
BNC Series
Unit : mm
■ Right Angle Plug
Clamp Type
P/N
Applicable
Cable
φA
Finish
Shell
Contact
BNC-LP-3
3D-2V
6.4
Ag
Ag
3C-2V
BNC-LP-3-CAu
3D-2V
6.4
Ag
Au
3C-2V
BNC-LP-3-NiCAu
3D-2V
6.4
Ni
Au
3C-2V
BNC-LP-3-Ni
3D-2V
6.4
Ni
Ag
3C-2V
BNC-LP-5
5D-2V
8.6
Ag
Ag
5C-2V
BNC-LP-5-Ni
5D-2V
8.6
Ni
Ag
5C-2V
BNC-LP-58U
RG-55/U
5.38
Ag
Ag
RG-58/U
BNC-LP-58U-Ni
RG-55/U
5.38
Ni
Ag
RG-58/U
BNC-LP-55U
RG-55/U
5.4
Ag
Ag
RG-58/U
P/N
Applicable
Cable
Finish
Shell
Contact
BNC-LP-5
5D-2V
Ag
Ag
5C-2V
BNC-LP-5-Ni
5D-2V
Ni
Au
5C-2V
P/N
Applicable
Cable
Finish
Shell
Contact
BNC-LP-5D2W
5D-2V
Ni
Au
5C-2V
(33)
φA
(33)
(33)
(φ17.5)
4


Similar Part No. - BNC-P-5

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC-P-58U-CF DDK-BNC-P-58U-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
BNC-P-58U-CF DDK-BNC-P-58U-CF Datasheet
435Kb / 15P
   BNC Style Connector
BNC-P-58U-Ni-CF DDK-BNC-P-58U-Ni-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
BNC-P-58U-Ni-CF DDK-BNC-P-58U-Ni-CF Datasheet
435Kb / 15P
   BNC Style Connector
More results

Similar Description - BNC-P-5

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
31-10 DDK-31-10 Datasheet
120Kb / 2P
   BNC (Isolated) Receptacle Connectors Commercial Type
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
Winchester Electronics ...
HBC179DT WINCHESTER-HBC179DT Datasheet
57Kb / 2P
   High Definition BNC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com