Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC108 Datasheet(PDF) 9 Page - Extech Instruments Corporation.

Part # MC108
Description  Mini Microscope
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MC108 Datasheet(HTML) 9 Page - Extech Instruments Corporation.

  MC108 Datasheet HTML 1Page - Extech Instruments Corporation. MC108 Datasheet HTML 2Page - Extech Instruments Corporation. MC108 Datasheet HTML 3Page - Extech Instruments Corporation. MC108 Datasheet HTML 4Page - Extech Instruments Corporation. MC108 Datasheet HTML 5Page - Extech Instruments Corporation. MC108 Datasheet HTML 6Page - Extech Instruments Corporation. MC108 Datasheet HTML 7Page - Extech Instruments Corporation. MC108 Datasheet HTML 8Page - Extech Instruments Corporation. MC108 Datasheet HTML 9Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
MC108 V1.1 2/09
Support line (781) 890-7440
Technical Support: Extension 200; E-mail: support@extech.com
Repair & Returns: Extension 210; E-mail: repair@extech.com
Product specifications subject to change without notice
For the latest version of this User Guide, Software updates, and other up-to-the-minute product information,
visit our website: www.extech.com
Extech Instruments Corporation, 285 Bear Hill Road, Waltham, MA 02451
Specifications
Sensor element
300,000 pixels CMOS
Lens
High sensitivity lens
Auxiliary light
White LED × 3 with super high brightness
LCD screen
1.8” TFT color LCD screen
Memory
2MB Data FLASH -- capacity ~ 60 pictures
Linkage
USB 2.0
Magnifying rate
Optical zoom 1 ~ 7x and 27x. Digital zoom 4x.
Plug
DC IN terminal (mini USB plug)
Power
3 x AAA, RO3, 1.5V alkaline batteries or 3 x 1.2V Ni-MH
rechargeable batteries.
AC transformer (Output: DC 5.0V/1000mA; Input: AC 100-240V
50/60Hz).
Current consumption
Maximum = 220mA (with LEDs on at highest illumination)
Size
120 × 56 × 25 mm
Weight
Approximately 70 grams (not including batteries)
Operational temperature
-5ºC ~ 50ºC
Environmental humidity:
Below 85% (no dew) recommended
Warranty
EXTECH INSTRUMENTS CORPORATION (A FLIR COMPANY) warrants this
instrument to be free of defects in parts and workmanship for one year from date of
shipment (a six month limited warranty applies to sensors and cables). If it should
become necessary to return the instrument for service during or beyond the warranty
period, contact the Customer Service Department at (781) 890-7440 ext. 210 for
authorization or visit our website www.extech.com for contact information. A Return
Authorization (RA) number must be issued before any product is returned to Extech.
The sender is responsible for shipping charges, freight, insurance and proper
packaging to prevent damage in transit. This warranty does not apply to defects
resulting from action of the user such as misuse, improper wiring, operation outside of
specification, improper maintenance or repair, or unauthorized modification. Extech
specifically disclaims any implied warranties or merchantability or fitness for a specific
purpose and will not be liable for any direct, indirect, incidental or consequential
damages. Extech's total liability is limited to repair or replacement of the product. The
warranty set forth above is inclusive and no other warranty, whether written or oral, is
expressed or implied.
Copyright © 2009 Extech Instruments Corporation (a FLIR company).
All rights reserved including the right of reproduction in whole or in part in any form.


Similar Part No. - MC108

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
MC108NP-102 SUMIDA-MC108NP-102 Datasheet
60Kb / 2P
   IFT COILS
MC108NP-103 SUMIDA-MC108NP-103 Datasheet
60Kb / 2P
   IFT COILS
MC108NP-122 SUMIDA-MC108NP-122 Datasheet
60Kb / 2P
   IFT COILS
MC108NP-123 SUMIDA-MC108NP-123 Datasheet
60Kb / 2P
   IFT COILS
MC108NP-152 SUMIDA-MC108NP-152 Datasheet
60Kb / 2P
   IFT COILS
More results

Similar Description - MC108

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MC108 EXTECH-MC108_15 Datasheet
166Kb / 1P
   Digital Mini Microscope
logo
OSRAM GmbH
FO125 OSRAM-FO125 Datasheet
40Kb / 2P
   Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
logo
Aven, Inc.
26700-423 AVEN-26700-423 Datasheet
1Mb / 1P
   Digital Microscope w/ Standard Stand
logo
Rosenberger Hochfrequen...
98W010-000 ROSENBERGER-98W010-000 Datasheet
41Kb / 1P
   Microscope Adapter RDC male
logo
Aven, Inc.
26700-140-3DA AVEN-26700-140-3DA Datasheet
965Kb / 1P
   For the MicroVue Digital Microscope
26700-220-MNT AVEN-26700-220-MNT Datasheet
1Mb / 2P
   All-In-One Digital Microscope
26700-220-MNTD AVEN-26700-220-MNTD Datasheet
1Mb / 1P
   Digital Microscope with Post Stand & Diffuser
logo
Lightel Technologies IN...
CI-1100 LIGHTEL-CI-1100 Datasheet
882Kb / 2P
   Video Microscope for Fiber Optic Connector Inspection
logo
Aven, Inc.
26700-220-479 AVEN-26700-220-479 Datasheet
1Mb / 2P
   Mighty Scope ClearVue All-In-One Digital Microscope
26800B-385 AVEN-26800B-385 Datasheet
356Kb / 1P
   Trinocular Microscope W/ Mighty Cam Eidos Camera/Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com