Electronic Components Datasheet Search |
|
BNC-PJ-1.5V-CR-Ni Datasheet(PDF) 1 Page - DDK Ltd. |
|
BNC-PJ-1.5V-CR-Ni Datasheet(HTML) 1 Page - DDK Ltd. |
1 / 13 page ● ● BNC Series ● BNC series is most widely used as 50 Ω coaxial cable connectors. ● This series is used specially for interface of fre - quent fit-in/pull-out instruments by small size/ light weight bayonet lock mechanism. Note: BNC series is intermateable with BNC75 series. (75Ω group) ● If 75 Ω cable is used for this series, the fre - quency to be applied must be below 200MHz. For more than 200MHz, BNC75 series must be used. JIS-C-5412、 MIL-C-39012、 DSP-C-6202、 NTTSpec No.2095 Specifications depends on each connector although these are basic specifications. Please ask us for the cable assemblies to assure its performance. BNC Type Connectors CONFORMING STANDARD SPECIFICATION Characteristic Impedance 50Ω Dielectric withstanding voltage 1500V AC (rms) for 1 minute Insulation resistance 1000MΩmin. at 500V DC Contact resistance 3mΩ max. VSWR 1.3max. at DC~2GHz MATERIAL/FINISH Shell (Body) Copper alloy/Silver or Nickel plating Contact (male) Copper alloy/Silver or Gold plating Contact (female) Copper alloy/Silver or Gold plating Insulators PTFE Gaskets Silicone rubber 1 |
Similar Part No. - BNC-PJ-1.5V-CR-Ni |
|
Similar Description - BNC-PJ-1.5V-CR-Ni |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |