Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM02-8D2TA5-CF Datasheet(PDF) 6 Page - DDK Ltd.

Part # CM02-8D2TA5-CF
Description  DeviceNet Micro-Style Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM02-8D2TA5-CF Datasheet(HTML) 6 Page - DDK Ltd.

  CM02-8D2TA5-CF Datasheet HTML 1Page - DDK Ltd. CM02-8D2TA5-CF Datasheet HTML 2Page - DDK Ltd. CM02-8D2TA5-CF Datasheet HTML 3Page - DDK Ltd. CM02-8D2TA5-CF Datasheet HTML 4Page - DDK Ltd. CM02-8D2TA5-CF Datasheet HTML 5Page - DDK Ltd. CM02-8D2TA5-CF Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Unit:mm
http://www.ddknet.co.jp
CM02 Series
6
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○ Plug Insert Assembly with Socket Contacts for PCB Mount
○ Receptacle with Plastic Shell and Pin Contacts
○ Plug Receptacle with Metal Shell and Socket Contacts
○ Receptacle Cap
○ Plug Cap
P/N : CM02-8DR5PD(D1)-FG
Panel Mounting Hole
3 Max.(Panel Thickness)
M12×1 Thread
M14×0.75 Thread
φ14
+0.1
0
17
3.5
5.9
1
Board Thickness
1.6 ±0.2
23.4
19.6
1.5
6
Board Mounting Hole
2.5
2.5
5-φ1
45°
φ15
No Printed Area
φ1.6±
Coding Pin
φ1.4
9
P/N : CM02-8DPR5S-CF
Mounting Hole
1
2
3
4
M12×1 Thread
M16×1 Thread
15.8
19
φ16
+0.1
0
P/N : CM02-8DP5SD(D1)-FG
Board Mounting Hole
2.5
2.5
5-φ1
10
15
3.5
Coding Pin
φ1.4
φ1.6±0.1
45°
3.2
45°
13
8.7
14.3
φ3.2
18
13
straight knurl
100
PVC Cap for Receptacle
Metal Cap for Receptacle
Metal Cap for Plug
Metal Cap for Receptacle
Waterproof type
Material/Finish : Copper Alloy/Nickel Plating
Waterproof type
Material/Finish:Aluminum Alloy/Anodic Coatings
P/N : CM01-P-CAP-CF
Waterproof type
Material/Finish : Copper Alloy/Nickel Plating
P/N:CM01-CAP
P/N : CM01-R-CAP-CF
P/N:CM01-R-CAP(D1)
・P C B Contacts
・No shell
・Rear-mount configuration
・Applicable wire size : AWG22 max.
・P C B Contacts
・Rear-mount configuration
Non-Waterproof type
Material : PVC/Black


Similar Part No. - CM02-8D2TA5-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
   DeviceNet Micro-Style Connectors
More results

Similar Description - CM02-8D2TA5-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02BA-8DP5S-010 DDK-CM02BA-8DP5S-010 Datasheet
731Kb / 3P
   DeviceNet Micro-Style Connectors
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
   DeviceNet Micro-Style Connectors
CM02B DDK-CM02B Datasheet
216Kb / 3P
   DeviceNet Micro-Style Connectors
CM03A DDK-CM03A Datasheet
292Kb / 5P
   DeviceNet Mini-style Connectors
CM03A-R4P-S DDK-CM03A-R4P-S Datasheet
727Kb / 2P
   DeviceNet Mini-Style Connectors
CM03 DDK-CM03 Datasheet
234Kb / 3P
   DeviceNet Mini-Style Connectors
CM03AA-P4S-010 DDK-CM03AA-P4S-010 Datasheet
1Mb / 5P
   DeviceNet Mini-style Connectors
CM03-P4S DDK-CM03-P4S Datasheet
214Kb / 3P
   DeviceNet Mini-Style Connectors
CM03A DDK-CM03A_1 Datasheet
146Kb / 2P
   DeviceNet Mini-Style Connectors
logo
Molex Electronics Ltd.
1300390336 MOLEX-1300390336 Datasheet
45Kb / 2P
   DeviceNet Micro-Change (M12) Pass-Through 4 Port
03/11/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com