Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57RE-40140-830BD7A-FA Datasheet(PDF) 2 Page - DDK Ltd.

Part # 57RE-40140-830BD7A-FA
Description  Right Angle Solder Termination Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57RE-40140-830BD7A-FA Datasheet(HTML) 2 Page - DDK Ltd.

  57RE-40140-830BD7A-FA Datasheet HTML 1Page - DDK Ltd. 57RE-40140-830BD7A-FA Datasheet HTML 2Page - DDK Ltd. 57RE-40140-830BD7A-FA Datasheet HTML 3Page - DDK Ltd. 57RE-40140-830BD7A-FA Datasheet HTML 4Page - DDK Ltd. 57RE-40140-830BD7A-FA Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Unit:mm
57RE Series
http://www.ddknet.co.jp
2
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○ Standard Type (Less Ground Tab)
57RE-40360-830B-FA
Number of Contact:14, 24, 36, 50
Contact Plating
  7:Contact Area: Au(0.38 μ m)over Ni Plating
   Tail Area: Sn-Ag over Nickel Plating
  8:Contact Area: Au(Flash) over Ni Plating
   Tail Area: Sn-Ag over Ni Plating
FA: Lead Free
Part Number
Number of
Contact
ABC
D
E
57RE-40140- □ 30B-FA
14
44.00
36.00
25.36 12.954
35.30
57RE-40240- □ 30B-FA
24
54.78
46.78
36.23 23.749
46.08
57RE-40360- □ 30B-FA
36
67.74
59.74
49.05 36.703
59.04
57RE-40500- □ 30B-FA
50
82.85
74.85
64.22 51.816
74.15
B
A
B
2.159
D
D
0.50
2.159
C
1
n/2
n
+1
Contact No.
 φ3.4 hole
○ With Thru-hole Ground Tab
Part Number
Number of
Contact
ABC
D
E
57RE-40140- □ 30B(D3 □ )-FA
14
44.00
36.00
25.36 12.954
35.30
57RE-40240- □ 30B(D3 □ )-FA
24
54.78
46.78
36.23 23.749
46.08
57RE-40360- □ 30B(D3 □ )-FA
36
67.74
59.74
49.05 36.703
59.04
57RE-40500- □ 30B(D3 □ )-FA
50
82.85
74.85
64.22 51.816
74.15
57RE-40360-830B(D3B)-FA
FA:Lead Free
Panel Mounting Screw
No Digit:: Steel acrew Attached
  A: Steel screw Assembled
  B: Less Screw
Deviation
(D3): Thru-hole Ground Tab
   M30.5 Thread Type
B
C
2.159
0.50
D
D
A
B
2.159
Contact No.
+1
n
n/2
1
M3×0.
5 Thread
※ Panel mounting cut-out dimensions, PCB mounting dimensions : Type 1
(Refer to page 5.)
Contact Plating
  7:Contact Area: Au(0.38 μ m)over Ni Plating
   Tail Area: Sn-Ag over Nickel Plating
  8:Contact Area: Au(Flash) over Ni Plating
   Tail Area: Sn-Ag over Ni Plating
Number of Contact:14, 24, 36, 50
※ Panel mounting cut-out dimensions, PCB mounting dimensions : Type 1
(Refer to page 5.)
※ The connector as above drawing is assembled panel maounting screws.


Similar Part No. - 57RE-40140-830BD7A-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57RE-40140-830B-FA DDK-57RE-40140-830B-FA Datasheet
316Kb / 5P
   Right Angle Solder Termination Connectors
More results

Similar Description - 57RE-40140-830BD7A-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57RE-40140-730B-FA DDK-57RE-40140-730B-FA Datasheet
316Kb / 5P
   Right Angle Solder Termination Connectors
57GE-40360-751-FA DDK-57GE-40360-751-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
57GE DDK-57GE Datasheet
239Kb / 5P
   Straight Solder DIP Termination Connectors
17JE DDK-17JE_2 Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
logo
Dubilier
DBCFDMSR09E3 DUBILIER-DBCFDMSR09E3 Datasheet
126Kb / 1P
   FILTERED D CONNECTORS SOLDER PIN RIGHT ANGLE
logo
DDK Ltd.
57LE DDK-57LE Datasheet
1Mb / 8P
   Right Angle Solder Dip Connectors EMI/RFI Shielding Version
logo
FCI connector
51939-259 FCI-CONNECTOR-51939-259 Datasheet
252Kb / 4P
   RIGHT ANGLE SOLDER HEADER
51939-133 FCI-CONNECTOR-51939-133 Datasheet
241Kb / 4P
   RIGHT ANGLE SOLDER HEADER
51730-119LF FCI-CONNECTOR-51730-119LF Datasheet
266Kb / 4P
   RIGHT ANGLE SOLDER HEADER
logo
Molex Electronics Ltd.
0733560190 MOLEX11-0733560190 Datasheet
53Kb / 1P
   75 Ohms, F Right-Angle Plug, Crimp, Belden 1865A, Solder Center Contact Termination
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com