Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL1011SN-WCWW Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL1011SN-WCWW
Description  High Power Warm White SMD LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL1011SN-WCWW Datasheet(HTML) 1 Page - P-tec Corporation

  PL1011SN-WCWW Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9.50
9.52
5.08
1.27
2.30
1.27
0.38
2.00
4.90
2.0
10.11
7.05
1.00
5.0∅
5.8∅
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (50µA) ……………………………………………...……...…..…... 5.0V
D.C. Forward Current ………………………………...………………………….. 350mA
Pulsed Forward Current : tp
≤100µs, Duty Cycle=0.005 ….……………...……..1000mA
Operating Temperature Range ………………………………..…….….... -30°C to +85°C
Storage Temperature Range ………….……………………….........…... -40°C to +105°C
Reflow Soldering Temperature ……………………………….....… 260°C for 10 seconds
Power Dissipation ………………………………...………………………………….. 1W
ESD Threshold (HBM) …………………………………………………….……….6000V
LED Junction Temperature ………………………………………………………... 120°C
PL1011 Series High Power Warm White SMD LED
Features
*Thin TO-220 Package
*High Light Output
*Wide Viewing Angle
*Thermal Resistance Junction to Board is
15°C/W
*RoHS Complaint
Package Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Color
Temperature
(°K)
View
Angle
2
θ ½
Forward Voltage
@350mA (V)
Water Clear Lens
Min
Max
Deg
Typ
Max
Min.
Max.
PL1011SN-WCWW
White
InGaN
2700
3700
120°
2.7
4.25
18.0
39.7
Luminous Flux (lm)
02.07.07 rev0
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101


Similar Part No. - PL1011SN-WCWW

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL1011SN-WCCW P-TEC-PL1011SN-WCCW Datasheet
33Kb / 1P
   High Power White SMD LED
More results

Similar Description - PL1011SN-WCWW

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL1010SN-WCWW P-TEC-PL1010SN-WCWW Datasheet
32Kb / 1P
   High Power Warm White SMD LED
PL1010SR-WCWW P-TEC-PL1010SR-WCWW Datasheet
33Kb / 1P
   Round Lens High Power Warm White SMD LED
logo
Unisonic Technologies
PWW01NBT-C0 UTC-PWW01NBT-C0 Datasheet
247Kb / 4P
   Warm WHITE HIGH POWER LED
logo
P-tec Corporation
PL1010SO-WCWW P-TEC-PL1010SO-WCWW Datasheet
34Kb / 1P
   Oval Lens High Power Warm White SMD LED
logo
OptoSupply Internationa...
OSM57LS3C1A OPTOSUPPLY-OSM57LS3C1A Datasheet
105Kb / 1P
   3.5x2.8x1.9mm Power Top Warm White SMD LED
OSM5DLS1C1A OPTOSUPPLY-OSM5DLS1C1A Datasheet
100Kb / 1P
   3.5x2.8x1.9mm Warm White SMD LED
OSM5DAS1C1A OPTOSUPPLY-OSM5DAS1C1A Datasheet
99Kb / 1P
   3.5x2.8x1.9mm Warm White SMD LED
OSM573S3C1A OPTOSUPPLY-OSM573S3C1A Datasheet
110Kb / 1P
   3.5x2.8x1.9mm Warm White Power Top SMD LED
OSM5DLS3C1A OPTOSUPPLY-OSM5DLS3C1A Datasheet
99Kb / 1P
   3.5x2.8x1.9mm Warm White Power Top SMD LED
OSM54LS3C1A OPTOSUPPLY-OSM54LS3C1A Datasheet
109Kb / 1P
   3.5x2.8x1.9mm Power Top Warm White SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com