Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT48M80L Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT48M80L
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT48M80L Datasheet(HTML) 2 Page - Microsemi Corporation

  APT48M80L Datasheet HTML 1Page - Microsemi Corporation APT48M80L Datasheet HTML 2Page - Microsemi Corporation APT48M80L Datasheet HTML 3Page - Microsemi Corporation APT48M80L Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Static Characteristics
TJ = 25°C unless otherwise specified
Source-Drain Diode Characteristics
Dynamic Characteristics
TJ = 25°C unless otherwise specified
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature.
2 Starting at T
J = 25°C, L = 6.9mH, RG = 25Ω, IAS = 24A.
3 Pulse test: Pulse Width < 380μs, duty cycle < 2%.
4 C
o(cr) is defined as a fixed capacitance with the same stored charge as COSS with VDS = 67% of V(BR)DSS.
5 C
o(er) is defined as a fixed capacitance with the same stored energy as COSS with VDS = 67% of V(BR)DSS. To calculate Co(er) for any value of
V
DS less than V(BR)DSS, use this equation: Co(er) = -8.32E-8/VDS^2 + 3.49E-8/VDS + 1.30E-10.
6 R
G is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
G
D
S
APT48M80B2_L
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
V
BR(DSS)
Drain-Source Breakdown Voltage
V
GS = 0V, ID = 250μA
800
V
∆V
BR(DSS)/∆TJ
Breakdown Voltage Temperature Coefficient
Reference to 25°C, I
D = 250μA
0.87
V/°C
R
DS(on)
Drain-Source On Resistance 3
V
GS = 10V, ID = 24A
0.17
0.19
Ω
V
GS(th)
Gate-Source Threshold Voltage
V
GS = VDS, ID = 2.5mA
345
V
∆V
GS(th)/∆TJ
Threshold Voltage Temperature Coefficient
-10
mV/°C
I
DSS
Zero Gate Voltage Drain Current
V
DS = 800V
V
GS = 0V
T
J = 25°C
100
μA
T
J = 125°C
500
I
GSS
Gate-Source Leakage Current
V
GS = ±30V
±100
nA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
g
fs
Forward Transconductance
V
DS = 50V, ID = 24A
43
S
C
iss
Input Capacitance
V
GS = 0V, VDS = 25V
f = 1MHz
9330
pF
C
rss
Reverse Transfer Capacitance
160
C
oss
Output Capacitance
930
C
o(cr)
4
Effective Output Capacitance, Charge Related
V
GS = 0V, VDS = 0V to 533V
440
C
o(er)
5
Effective Output Capacitance, Energy Related
220
Q
g
Total Gate Charge
V
GS = 0 to 10V, ID = 24A,
V
DS = 400V
305
nC
Q
gs
Gate-Source Charge
51
Q
gd
Gate-Drain Charge
155
t
d(on)
Turn-On Delay Time
Resistive Switching
V
DD = 400V, ID = 24A
R
G = 2.2Ω
6
, V
GG = 15V
55
ns
t
r
Current Rise Time
75
t
d(off)
Turn-Off Delay Time
230
t
f
Current Fall Time
70
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
I
S
Continuous Source Current (Body Diode)
49
A
I
SM
Pulsed Source Current (Body Diode) 1
173
V
SD
Diode Forward Voltage
I
SD = 24A, TJ = 25°C, VGS = 0V
0.8
1.0
V
t
rr
Reverse Recovery Time
I
SD = 24A
3
di
SD/dt = 100A/μs, TJ = 25°C
970
nS
Q
rr
Reverse Recovery Charge
22
μC
dv/dt
Peak Recovery dv/dt
I
SD ≤ 24A, di/dt ≤1000A/μs,
V
DD = 533V,
T
J = 125°C
10
V/ns
MOSFET symbol
showing the integral
reverse p-n junction
diode (body diode)


Similar Part No. - APT48M80L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
APT48M80L ISC-APT48M80L Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT48M80L

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com