Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF30TL60T3G Datasheet(PDF) 8 Page - Microsemi Corporation

Part # APTGF30TL60T3G
Description  Three level inverter NPT IGBT Power Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF30TL60T3G Datasheet(HTML) 8 Page - Microsemi Corporation

  APTGF30TL60T3G Datasheet HTML 1Page - Microsemi Corporation APTGF30TL60T3G Datasheet HTML 2Page - Microsemi Corporation APTGF30TL60T3G Datasheet HTML 3Page - Microsemi Corporation APTGF30TL60T3G Datasheet HTML 4Page - Microsemi Corporation APTGF30TL60T3G Datasheet HTML 5Page - Microsemi Corporation APTGF30TL60T3G Datasheet HTML 6Page - Microsemi Corporation APTGF30TL60T3G Datasheet HTML 7Page - Microsemi Corporation APTGF30TL60T3G Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
APTGF30TL60T3G
www.microsemi.com
8- 8
CR1 to CR6 Typical performance curve
Forward Characteristic of diode
TJ=25°C
TJ=125°C
0
20
40
60
80
0.0
0.4
0.8
1.2
1.6
2.0
2.4
VF (V)
Energy losses vs Collector Current
0
0.25
0.5
0.75
1
0
2040
6080
IC (A)
VCE = 400V
VGE = 15V
RG = 2.5Ω
TJ = 125°C
0
0.25
0.5
0.75
1
02
46
8
10
Gate Resistance (ohms)
VCE = 400V
VGE =15V
IC = 30A
TJ = 125°C
Switching Energy Losses vs Gate Resistance
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGF30TL60T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF30TL601G MICROSEMI-APTGF30TL601G Datasheet
273Kb / 9P
   Three level inverter NPT IGBT Power Module
More results

Similar Description - APTGF30TL60T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF30TL601G MICROSEMI-APTGF30TL601G Datasheet
273Kb / 9P
   Three level inverter NPT IGBT Power Module
APTGF50TL60T3G MICROSEMI-APTGF50TL60T3G Datasheet
244Kb / 8P
   Three level inverter NPT IGBT Power Module
APTGT30TL60T3G MICROSEMI-APTGT30TL60T3G Datasheet
217Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT150TL60G MICROSEMI-APTGT150TL60G Datasheet
226Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT300TL60G MICROSEMI-APTGT300TL60G Datasheet
225Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT50TL60T3G MICROSEMI-APTGT50TL60T3G Datasheet
217Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT75TL60T3G MICROSEMI-APTGT75TL60T3G Datasheet
222Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT100TL60T3G MICROSEMI-APTGT100TL60T3G Datasheet
224Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT20TL601G MICROSEMI-APTGT20TL601G Datasheet
222Kb / 6P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT50TL601G MICROSEMI-APTGT50TL601G Datasheet
232Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com