Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF75DH120T3G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTGF75DH120T3G
Description  Asymmetrical - Bridge NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF75DH120T3G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTGF75DH120T3G Datasheet HTML 1Page - Microsemi Corporation APTGF75DH120T3G Datasheet HTML 2Page - Microsemi Corporation APTGF75DH120T3G Datasheet HTML 3Page - Microsemi Corporation APTGF75DH120T3G Datasheet HTML 4Page - Microsemi Corporation APTGF75DH120T3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGF75DH120T3G
www.microsemi.com
2- 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
250
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 1200V
Tj = 125°C
500
µA
Tj = 25°C
3.2
3.7
VCE(sat)
Collector Emitter saturation Voltage
VGE =15V
IC = 75A
Tj = 125°C
3.9
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 2.5 mA
4.5
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = ±20V, VCE = 0V
±500
nA
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
5.1
Coes
Output Capacitance
0.7
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
0.4
nF
QG
Gate charge
VGE=±15V, IC=75A
VCE=600V
0.8
µC
Td(on)
Turn-on Delay Time
120
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
310
Tf
Fall Time
Inductive Switching (25°C)
VGE = 15V
VBus = 600V
IC = 75A
RG = 7.5Ω
20
ns
Td(on)
Turn-on Delay Time
130
Tr
Rise Time
60
Td(off)
Turn-off Delay Time
360
Tf
Fall Time
Inductive Switching (125°C)
VGE = 15V
VBus = 600V
IC = 75A
RG = 7.5Ω
30
ns
Eon
Turn-on Switching Energy
Tj = 125°C
9
Eoff
Turn-off Switching Energy
VGE = ±15V
VBus = 600V
IC = 75A
RG = 7.5Ω
Tj = 125°C
4
mJ
Isc
Short Circuit data
VGE ≤15V ; VBus = 900V
tp ≤ 10µs ; Tj = 125°C
450
A
Diode ratings and characteristics (CR2 & CR3)
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
100
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 80°C
60
A
IF = 60A
2.5
3
IF = 120A
3
VF
Diode Forward Voltage
IF = 60A
Tj = 125°C
1.8
V
Tj = 25°C
265
trr
Reverse Recovery Time
Tj = 125°C
350
ns
Tj = 25°C
560
Qrr
Reverse Recovery Charge
IF = 60A
VR = 800V
di/dt =200A/µs
Tj = 125°C
2890
nC
CR1 & CR4 are IGBT protection diodes only


Similar Part No. - APTGF75DH120T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF75DH120T ADPOW-APTGF75DH120T Datasheet
278Kb / 5P
   Asymmetrical - Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF75DH120TG MICROSEMI-APTGF75DH120TG Datasheet
257Kb / 5P
   Asymmetrical - Bridge NPT IGBT Power Module
More results

Similar Description - APTGF75DH120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50DH120TG MICROSEMI-APTGF50DH120TG Datasheet
288Kb / 6P
   Asymmetrical - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF50DH120T ADPOW-APTGF50DH120T Datasheet
296Kb / 6P
   Asymmetrical - Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF180DH60G MICROSEMI-APTGF180DH60G Datasheet
279Kb / 6P
   Asymmetrical - bridge NPT IGBT Power Module
APTGF50DH120T3G MICROSEMI-APTGF50DH120T3G Datasheet
248Kb / 7P
   Asymmetrical - Bridge NPT IGBT Power Module
APTGF50DH60T1G MICROSEMI-APTGF50DH60T1G Datasheet
255Kb / 7P
   Asymmetrical - Bridge NPT IGBT Power Module
APTGF90DH60T3G MICROSEMI-APTGF90DH60T3G Datasheet
210Kb / 5P
   Asymmetrical - Bridge NPT IGBT Power Module
APTGF90DH60TG MICROSEMI-APTGF90DH60TG Datasheet
289Kb / 6P
   Asymmetrical - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF75DH120T ADPOW-APTGF75DH120T Datasheet
278Kb / 5P
   Asymmetrical - Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50DH60TG MICROSEMI-APTGF50DH60TG Datasheet
288Kb / 6P
   Asymmetrical - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF150DH120 ADPOW-APTGF150DH120 Datasheet
294Kb / 5P
   Asymmetrical - Bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com