Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T35L6464A-5Q Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T35L6464A-5Q
Description  64K x 64 SRAM???
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T35L6464A-5Q Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T35L6464A-5Q Datasheet HTML 1Page - Taiwan Memory Technology T35L6464A-5Q Datasheet HTML 2Page - Taiwan Memory Technology T35L6464A-5Q Datasheet HTML 3Page - Taiwan Memory Technology T35L6464A-5Q Datasheet HTML 4Page - Taiwan Memory Technology T35L6464A-5Q Datasheet HTML 5Page - Taiwan Memory Technology T35L6464A-5Q Datasheet HTML 6Page - Taiwan Memory Technology T35L6464A-5Q Datasheet HTML 7Page - Taiwan Memory Technology T35L6464A-5Q Datasheet HTML 8Page - Taiwan Memory Technology T35L6464A-5Q Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TE
CH
tm
T35L6464A
Taiwan Memory Technology, Inc. reserves the right
P. 1
Publication Date: AUG. 1998
to change products or specifications without notice.
Revision: E
SYNCHRONOUS
BURST SRAM
64K x 64 SRAM
3.3V SUPPLY, FULLY REGISTERED AND OUTPUTS,
BURST COUNTER
FEATURES
• Fast Access times: 5, 6, 7, and 8ns
• Fast clock speed: 100, 83, 66, and 50 MHz
• Provide high performance 3-1-1-1 access rate
• Fast OE access times: 5 and 6ns
• Single 3.3V +10% / -5V power supply
• Common data inputs and data outputs
• BYTE WRITE ENABLE and GLOBAL
WRITE control
• Five chip enables for depth expansion and
address pipelining
• Address, control, input, and output pipelined
registers
• Internally self-timed WRITE cycle
• WRITE pass-through capability
• Burst control pins ( interleaved or linear burst
sequence)
• High density, high speed packages
• Low capacitive bus loading
• High 30pF output drive capability at rated access
time
• SNOOZE MODE for reduced power standby
• Single cycle disable ( PentiumTM BSRAM
compatible )
OPTIONS
TIMING
MARKING
5ns access/10ns cycle
-5
6ns access/12ns cycle
-6
7ns access/15ns cycle
-7
8ns access/20ns cycle
-8
Package
128-pin QFP
Q
128-pin LQFP
L
Part Number Examples
PART NO.
Pkg.
BURST SEQUENCE
T35L6464A -5Q
Q
Interleaved
(MODE=NC or VCC)
T35L6464A -5L
L
Linear (MODE=GND)
PIN ASSIGNMENT (Top View)
VSSQ
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ40
DQ41
DQ42
DQ43
VCCQ
VSSQ
DQ44
DQ45
DQ46
DQ47
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
VCCQ
VSSQ
DQ54
DQ55
DQ56
DQ57
DQ8
DQ9
DQ10
DQ11
VCCQ
VSSQ
DQ12
DQ13
DQ14
DQ15
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
VCCQ
VSSQ
DQ22
DQ23
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQ32
VCCQ
1
11
10
9
8
7
6
5
4
3
2
18
17
16
15
14
13
12
28
27
26
25
24
23
22
21
20
19
30
29
39
49
48
47
46
45
44
43
42
41
40
57
56
55
54
53
52
51
50
58
82
81
80
79
78
77
76
75
74
73
92
91
90
89
88
87
86
85
84
83
102
101
100
99
98
97
96
95
94
93
123
124
116115114113112111110109
118
119
120
121
122
117
128127126125
128-pin QFP
or
128-pin LQFP
DQ58
31
DQ59
32
DQ60
33
DQ61
34
DQ62
35
DQ63
36
DQ64
37
VCCQ
38
63
62
61
60
59
64
VSSQ
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
72
71
70
69
68
67
66
65
108107106105104103
GENERAL DESCRIPTION
The Taiwan Memory Technology Synchronous
Burst RAM family employs: high-speed, low power
CMOS
design
using
advanced
triple-layer
polysilicon, double-layer metal technology. Each
memory cell consists of four transistors and two
high valued resistors.
The T35L6464A SRAM integrates 65536 x 64
SRAM cells with advanced synchronous peripheral
circuitry and a 2-bit counter for internal burst
operation. All synchronous inputs are gated by
registers controlled by a positive-edge-triggered
clock input (CLK). The synchronous inputs include
all addresses, all data inputs, three active LOW
chip enable (CE , CE2 and CE3 ), two additional
chip enables (CE2 and CE3) , burst control inputs


Similar Part No. - T35L6464A-5Q

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
   64K x 32 SRAM?
T35L6432A-5Q TMT-T35L6432A-5Q Datasheet
1Mb / 15P
   64K x 32 SRAM?
T35L6432A-5T TMT-T35L6432A-5T Datasheet
1Mb / 15P
   64K x 32 SRAM?
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
   64K x 32 SRAM???
T35L6432B-10Q TMT-T35L6432B-10Q Datasheet
162Kb / 16P
   64K x 32 SRAM???
More results

Similar Description - T35L6464A-5Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Taiwan Memory Technolog...
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
   64K x 32 SRAM???
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
   64K x 32 SRAM?
logo
Micron Technology
MT5C6401 MICRON-MT5C6401 Datasheet
128Kb / 11P
   64K x 1 SRAM
logo
Austin Semiconductor
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
   64K x 1 SRAM SRAM MEMORY ARRAY
MT5C2564 AUSTIN-MT5C2564_05 Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
logo
GSI Technology
GS71024 GSI-GS71024 Datasheet
278Kb / 13P
   64K x 24 1.5Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com