Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-2607 Datasheet(PDF) 8 Page - BOSER Technology Co., Ltd

Part # HS-2607
Description  Eden processor Embedded Engine Board
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-2607 Datasheet(HTML) 8 Page - BOSER Technology Co., Ltd

Back Button HS-2607 Datasheet HTML 4Page - BOSER Technology Co., Ltd HS-2607 Datasheet HTML 5Page - BOSER Technology Co., Ltd HS-2607 Datasheet HTML 6Page - BOSER Technology Co., Ltd HS-2607 Datasheet HTML 7Page - BOSER Technology Co., Ltd HS-2607 Datasheet HTML 8Page - BOSER Technology Co., Ltd HS-2607 Datasheet HTML 9Page - BOSER Technology Co., Ltd HS-2607 Datasheet HTML 10Page - BOSER Technology Co., Ltd HS-2607 Datasheet HTML 11Page - BOSER Technology Co., Ltd HS-2607 Datasheet HTML 12Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
2
System memory is also sufficient with the one 200-pin SO-DDR socket
that can supports up to 1GB.
Additional onboard connectors include 4 USB2.0 port providing faster
data transmission. And two external RJ-45 connectors for 10/100
Based Ethernet use.
1.1 Major Features
The HS-2607 comes with the following features:
VIA Eden processor 1GHz
One SO-DDR socket with a max. capacity of 1GB
VIA CLE266/VT8235 chipset
Winbond W83697UF super I/O chipset
VIA CLE266 graphics controller
Dual RealTek RTL8100BL Ethernet controller
AC97 3D audio controller
Fast PCI ATA/33/66/100 IDE controller
CF, 4 COM, 4 USB2.0
+7~+26V wide range single DC power in
TV-Out function (optional)


Similar Part No. - HS-2607

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-2607 BOSER-HS-2607 Datasheet
155Kb / 1P
   Eden processor Embedded Engine Board with CF, CRT/Panel, TV-Out, Dual LAN, Audio, USB2.0
More results

Similar Description - HS-2607

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-2604 BOSER-HS-2604 Datasheet
2Mb / 78P
   EDEN Embedded Engine Board
HS-2608 BOSER-HS-2608_1 Datasheet
1Mb / 82P
   Eden Embedded Engine Board
HS-2605 BOSER-HS-2605_1 Datasheet
3Mb / 82P
   EDEN Embedded Engine Board
HS-2606 BOSER-HS-2606_1 Datasheet
5Mb / 74P
   Eden Embedded Engine Board
HS-4610 BOSER-HS-4610 Datasheet
100Kb / 1P
   VIA C7 or V4 Eden processor Embedded Engine Board w/CF
HS-2605 BOSER-HS-2605 Datasheet
444Kb / 1P
   Eden processor Embedded Engine Board with CF, CRT/Panel, TV-Out, LAN, Audio
HS-2607 BOSER-HS-2607 Datasheet
155Kb / 1P
   Eden processor Embedded Engine Board with CF, CRT/Panel, TV-Out, Dual LAN, Audio, USB2.0
HS-2608 BOSER-HS-2608_2 Datasheet
3Mb / 84P
   ULV Intel짰 Celeron짰 Processor Embedded Engine Board
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
   ULV Intel짰 Celeron짰 processor Embedded Engine Board
logo
List of Unclassifed Man...
HS-2604 ETC-HS-2604 Datasheet
290Kb / 1P
   EMBEDDED ENGINE BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com