Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT75X60T3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT75X60T3G
Description  3 Phase bridge Trench Field Stop IGBT짰 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT75X60T3G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT75X60T3G Datasheet HTML 1Page - Microsemi Corporation APTGT75X60T3G Datasheet HTML 2Page - Microsemi Corporation APTGT75X60T3G Datasheet HTML 3Page - Microsemi Corporation APTGT75X60T3G Datasheet HTML 4Page - Microsemi Corporation APTGT75X60T3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT75X60T3G
www.microsemi.com
5- 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=150°C
0
25
50
75
100
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Hard
switching
0
10
20
30
40
50
60
70
0
2040
6080
100
IC (A)
VCE=300V
D=50%
RG=4.7Ω
TJ=150°C
Tc=85°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT75X60T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75X120BTP3 ADPOW-APTGT75X120BTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGT75X120E3 ADPOW-APTGT75X120E3 Datasheet
229Kb / 3P
   3 Phase bridge Trench IGBT Power Module
APTGT75X120RTP3 ADPOW-APTGT75X120RTP3 Datasheet
273Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge Trench IGBT Power Module
APTGT75X120TE3 ADPOW-APTGT75X120TE3 Datasheet
236Kb / 3P
   3 Phase bridge Trench IGBT Power Module
More results

Similar Description - APTGT75X60T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT35X120T3G MICROSEMI-APTGT35X120T3G Datasheet
274Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT25X120T3G MICROSEMI-APTGT25X120T3G Datasheet
278Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT30X60T3G MICROSEMI-APTGT30X60T3G Datasheet
274Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT50X60T3G MICROSEMI-APTGT50X60T3G Datasheet
274Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT20X60T3G MICROSEMI-APTGT20X60T3G Datasheet
275Kb / 5P
   3 Phase bridge Trench Field Stop IGBT짰 Power Module
APTGT50H60T1G MICROSEMI-APTGT50H60T1G Datasheet
281Kb / 5P
   Full - Bridge Trench Field Stop IGBT짰 Power Module
APTGT50A60T1G MICROSEMI-APTGT50A60T1G Datasheet
278Kb / 5P
   Phase leg Trench Field Stop IGBT짰 Power Module
APTGT20H60T1G MICROSEMI-APTGT20H60T1G Datasheet
279Kb / 5P
   Full bridge Trench Field Stop IGBT짰 Power Module
APTGT30H60T1G MICROSEMI-APTGT30H60T1G Datasheet
281Kb / 5P
   Full - Bridge Trench Field Stop IGBT짰 Power Module
APTGT75H60T1G MICROSEMI-APTGT75H60T1G Datasheet
282Kb / 5P
   Full - Bridge Trench Field Stop IGBT짰 Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com