Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-201505LF Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # SP-201505LF
Description  General Purpose Failsafe Molded Wirewound Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SP-201505LF Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  SP-201505LF Datasheet HTML 1Page - IRC - a TT electronics Company. SP-201505LF Datasheet HTML 2Page - IRC - a TT electronics Company. SP-201505LF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Type
Power
Resistance Range
Tolerance
Lead Free Construction
Ordering Data
SP - 20 150
5%
LF
SP-20 Power Derating Curve
2.0
2.5
1.5
1.0
0.5
0
Ambient Temperature (°C)
0
50
100
150
200
General Purpose Failsafe
Molded Wirewound Resistor
SP-20F Power Derating Curve
SP-20F Typical Fusing
SP-20 and SP20F
Temperature Rise Chart
2.0
2.5
1.5
1.0
0.5
0
Ambient Temperature (°C)
0
50
100
150
200
20
25
15
10
6
0
Time (seconds)
0
20
40
60
80
100
8
4
2
0.1 ohm
1 ohm
10 ohm
100 ohm
1000 ohm
100
120
80
60
40
20
Power Input (watts)
0
0.5
1.0
1.5
2.0
0
SP20/SP20F Series Issue December 2008 Sheet 3 of 3


Similar Part No. - SP-201505LF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SP-201505LF IRCTT-SP-201505LF Datasheet
540Kb / 2P
   GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
More results

Similar Description - SP-201505LF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SPH1505LF IRCTT-SPH1505LF Datasheet
563Kb / 2P
   GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SP-201505LF IRCTT-SP-201505LF Datasheet
540Kb / 2P
   GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SPH1500JLF IRCTT-SPH1500JLF Datasheet
245Kb / 3P
   General Purpose Failsafe Molded Wirewound Resistor
logo
Welwyn Components Limit...
SP20 WELWYN-SP20 Datasheet
130Kb / 2P
   General-Purpose Failsafe Moulded Wirewound Resistors
SPH WELWYN-SPH Datasheet
629Kb / 2P
   General-Purpose Failsafe Moulded Wirewound Resistors
logo
Stackpole Electronics, ...
WWF SEI-WWF Datasheet
217Kb / 4P
   General Purpose Fusing Wirewound Resistor
11/23/2020
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
   General Purpose and Precision Wirewound Resistor
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
   General Purpose and Precision Wirewound Resistor
11/29/2021
logo
IRC - a TT electronics ...
PWR101202JLF IRCTT-PWR101202JLF Datasheet
141Kb / 2P
   General Purpose Stand-Up Power Wirewound Resistor
WSM16801KLFTR IRCTT-WSM16801KLFTR Datasheet
163Kb / 3P
   Molded Surface Mount Wirewound Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com