Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPH1500JLF Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # SPH1500JLF
Description  General Purpose Failsafe Molded Wirewound Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SPH1500JLF Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  SPH1500JLF Datasheet HTML 1Page - IRC - a TT electronics Company. SPH1500JLF Datasheet HTML 2Page - IRC - a TT electronics Company. SPH1500JLF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
SPH/SPF Series
SPF is fusible
±5%, ±10% tolerance
0.1 ohm to 2400 ohms
Weldable and solderable leads
2 watt rated with 1 watt dimensions
Drop-in replacement for BWH/BWF
Lead free, RoHS compliant construction available
TCR’s as low as ±150 ppm/°C standard (custom TC’s available)
General Purpose Failsafe
Molded Wirewound Resistor
Electrical Data
IRC Type
SPH
SPF
EIA RS-344 Style
CRU2
CRU2
MIL-R-11 Style
RC32/RC42
RC32/RC42
Resistance - Std.
0.1
Ω to 2400Ω
0.1
Ω to 1000Ω
Tolerance - Std.
±5%, ±10%
±5%, ±10%
Power Rating
2 watt @ 70°C
1 watt @ 115°C
Derating to 0 @ 160°C
2 watt @ 70°C
1 watt @ 115°C
Derating to 0 @ 160°C
Max. Continuous Working Voltage
PR
PR
Min. Insulation
Resistance
10,000 Meg
100 Meg
10,000 Meg
100 Meg
Min. Dielectric
ATM
Withstanding Volts
(RMS)
Reduced Pressure
1000V
625V
1000V
625V
Hotspot Temperature Rise
145°C @ 2 watts
145°C @ 2 watts
Typical Load Life
5%
5%
Current Noise
Negligible
Negligible
Dry
Wet
1. Resistive Element
All resistor types have resistance alloy
winding on a braided fiberglass substrate.
Intermediate silicone coatings are used
to enhance processibility and to provide
protection to the resistive element.
2. Termination
The SPH and SPF resistors are terminated
using an alloy coated copper flashed steel
lead welded to a cap of the same material.
This termination assembly is mechanically
crimped, utilizing an improved crimp design,
to the resistive element.
3. Encapsulation
The SPH and the SPF are encapsulated uti-
lizing a compression molded phenolic plastic
material. The SPF has a flame resistance
coating applied over the resistive element
to provide flammability protection when
destructive overloads may occur.
4. Marking
All products are marked utilizing heat and
solvent resistant color code bands consistent
with EIA/MIL requirements. The first band
is double width to designate wirewound
construction. A fifth band, blue in color, is
used for flameproof identification.
1
3
4
2
(See notes below)
SPH/SPF Series Issue December 2008 Sheet 1 of 3


Similar Part No. - SPH1500JLF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SPH1505LF IRCTT-SPH1505LF Datasheet
563Kb / 2P
   GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
logo
StarHope
SPH150AA SPSEMI-SPH150AA Datasheet
677Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
SPH150AA SPSEMI-SPH150AA Datasheet
647Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
SPH150AS SPSEMI-SPH150AS Datasheet
677Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
SPH150AS SPSEMI-SPH150AS Datasheet
647Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
More results

Similar Description - SPH1500JLF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SP-201505LF IRCTT-SP-201505LF_08 Datasheet
246Kb / 3P
   General Purpose Failsafe Molded Wirewound Resistor
SPH1505LF IRCTT-SPH1505LF Datasheet
563Kb / 2P
   GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SP-201505LF IRCTT-SP-201505LF Datasheet
540Kb / 2P
   GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
logo
Welwyn Components Limit...
SP20 WELWYN-SP20 Datasheet
130Kb / 2P
   General-Purpose Failsafe Moulded Wirewound Resistors
SPH WELWYN-SPH Datasheet
629Kb / 2P
   General-Purpose Failsafe Moulded Wirewound Resistors
logo
Stackpole Electronics, ...
WWF SEI-WWF Datasheet
217Kb / 4P
   General Purpose Fusing Wirewound Resistor
11/23/2020
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
   General Purpose and Precision Wirewound Resistor
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
   General Purpose and Precision Wirewound Resistor
11/29/2021
logo
IRC - a TT electronics ...
PWR101202JLF IRCTT-PWR101202JLF Datasheet
141Kb / 2P
   General Purpose Stand-Up Power Wirewound Resistor
WSM16801KLFTR IRCTT-WSM16801KLFTR Datasheet
163Kb / 3P
   Molded Surface Mount Wirewound Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com