Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP11001K Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # SPP11001K
Description  Low-Cost General Purpose Conformal Coated Wirewound Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SPP11001K Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  SPP11001K Datasheet HTML 1Page - IRC - a TT electronics Company. SPP11001K Datasheet HTML 2Page - IRC - a TT electronics Company. SPP11001K Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Power Derating Curve
Sample Part No.
IRC Type
Power
(See Electrical Data chart for other power ratings)
Resistance Value
Expressed in ohms
(Standard EIA/MIL values)
Tolerance
J = ±5%, K = ±10% standard
Ordering Data
SPP
1
1001
J
Low-Cost General Purpose
Conformal Coated
Wirewound Resistor
Temperature Rise Curve
80
100
60
40
20
0
Ambient Temperature (°C)
0
50
100
150
200
250
300
SPP-3
SPP-1, 2
200
300
100
Percent Rated Power
0
20
40
60
80
0
100
SPP-3
SPP-2
SPP-1
SPP Series Issue December 2008 Sheet 3 of 3


Similar Part No. - SPP11001K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP11N60C2 INFINEON-SPP11N60C2 Datasheet
160Kb / 14P
   Cool MOS??Power Transistor
2002-08-12
logo
VBsemi Electronics Co.,...
SPP11N60C2 VBSEMI-SPP11N60C2 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Infineon Technologies A...
SPP11N60C3 INFINEON-SPP11N60C3 Datasheet
352Kb / 14P
   Cool MOS??Power Transistor
2003-07-01
SPP11N60C3 INFINEON-SPP11N60C3 Datasheet
193Kb / 14P
   Cool MOS Power Transistor
2001-07-05
SPP11N60C3 INFINEON-SPP11N60C3 Datasheet
662Kb / 15P
   Cool MOS??Power Transistor
Rev. 2.6 2005-09-21
More results

Similar Description - SPP11001K

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
WRC SEI-WRC Datasheet
255Kb / 4P
   Conformal Coated Welded Wirewound Resistor
11/23/2020
logo
TT Electronics.
SPP2UL33R0JLF TTELEC-SPP2UL33R0JLF Datasheet
409Kb / 3P
   Fibre Core Conformal Coated Wirewound Resistor
SPP2UL6R80JLF TTELEC-SPP2UL6R80JLF Datasheet
409Kb / 3P
   Fibre Core Conformal Coated Wirewound Resistor
SPP1UL15R0JLF TTELEC-SPP1UL15R0JLF Datasheet
409Kb / 3P
   Fibre Core Conformal Coated Wirewound Resistor
SPP TTELEC-SPP_17 Datasheet
510Kb / 3P
   Fibre Core Conformal Coated Wirewound Resistor
SPP1UL1000JLF TTELEC-SPP1UL1000JLF Datasheet
409Kb / 3P
   Fibre Core Conformal Coated Wirewound Resistor
logo
Welwyn Components Limit...
WA83-470RJI WELWYN-WA83-470RJI Datasheet
388Kb / 3P
   General Purpose Cement Coated Wirewound Resistors
WA80 WELWYN-WA80 Datasheet
114Kb / 3P
   General Purpose Cement Coated Wirewound Resistors
logo
Stackpole Electronics, ...
WWF SEI-WWF Datasheet
217Kb / 4P
   General Purpose Fusing Wirewound Resistor
11/23/2020
logo
TT Electronics.
CR10A001 TTELEC-CR10A001 Datasheet
381Kb / 4P
   In-Line Conformal Coated Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com