Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC11002203FLF13 Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # SMC11002203FLF13
Description  Cylindrical Surface Mount Metal Glaze Compliant Terminal Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SMC11002203FLF13 Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  SMC11002203FLF13 Datasheet HTML 1Page - IRC - a TT electronics Company. SMC11002203FLF13 Datasheet HTML 2Page - IRC - a TT electronics Company. SMC11002203FLF13 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
100
120
80
60
40
20
0
25
35
45
55
65
75
85
95
105 115 125 135 145
Ambient Temperature (°C)
SMC-2
SMC-1
Power Derating Curve
Sample Part No.
IRC Type
(SMC1 or SMC2)
Temperature Coefficient
(50 or 100 ppm)
Resistance Value
(First three significant figures plus fourth digit multiplier)
Example: 2203 = 220K
Ω
51R0 = 51
Ω
R200 = 0.2
Ω
Tolerance
C = ±0.25%, D = ±0.5%, F = ±.01%, G = ±2.0%, J = ±5.0%
LF
Provides clear "Lead Free" Designation
Packaging Code
(7 = 7" Reel, 13 = 13" Reel)
Ordering Data
SMC1
100
2003
F
LF
13
Surge Capabilities
Cylindrical Surface Mount
Metal Glaze™ Compliant
Terminal Resistors
1.0E-04
Surge or Pulse Duration (Seconds)
1
10
100
1,000
10,000
1.0E-03
1.0E-02
1.0E-01
SMC-1
SMC-2
SMC Series Surge Capability for
Non-repetitive or Low-Repetition Rate Surges
100 msec
10 msec
1 msec
0.1 msec
Industry
Footprint
Reel
Diameter*
Quantity
Per Reel
Carrier Tape
Width
Component
Pitch
2512
13
5,000 max.
12mm
4mm
3610
7
1,500 max.
24mm
4mm
*The 13
″ reel is considered standard and will be supplied unless otherwise specified.
Standard Reel Packaging per EIA-481:
SMC Series Issue April 2009 Sheet 3 of 3


Similar Part No. - SMC11002203FLF13

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC110 SUNMATE-SMC110 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC110A SUNMATE-SMC110A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC110C SUNMATE-SMC110C Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC110CA SUNMATE-SMC110CA Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMC11002203FLF13

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHP IRCTT-CHP Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
CHP1X IRCTT-CHP1X Datasheet
231Kb / 2P
   Metal Glaze??Cylindrical Official Size Power Resistor
logo
Token Electronics Indus...
RI80-1 TOKEN-RI80-1 Datasheet
473Kb / 4P
   RI80 Metal Glaze Impulse Resistors
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207 Datasheet
122Kb / 4P
   Metal Film, Cylindrical Resistors
Revision 05-Mar-02
logo
Central Technologies
CTMFCR CT-CTMFCR Datasheet
469Kb / 3P
   Metal Film, Cylindrical Resistors
logo
Vishay Siliconix
PMM0204 VISHAY-PMM0204_15 Datasheet
340Kb / 5P
   Metal Film, Cylindrical Resistors
Revision: 15-Feb-06
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
   High Voltage Metal Glaze Film Resistors
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204 Datasheet
134Kb / 6P
   Metal Film, Cylindrical Resistors
Revision 21-Oct-02
logo
IRC - a TT electronics ...
PPC11001BLFBLK IRCTT-PPC11001BLFBLK Datasheet
201Kb / 3P
   Metal Glaze Surface Mount Precision Power Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com