Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBD-DSOT23-00-1002-1002 Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # WBD-DSOT23-00-1002-1002
Description  Wire Bondable Voltage Divider Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBD-DSOT23-00-1002-1002 Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  WBD-DSOT23-00-1002-1002 Datasheet HTML 1Page - IRC - a TT electronics Company. WBD-DSOT23-00-1002-1002 Datasheet HTML 2Page - IRC - a TT electronics Company. WBD-DSOT23-00-1002-1002 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire Bondable Voltage
Divider Network
DSOT Series Issue January 2009 Sheet 2 of 3
Absolute TCR
Commercial
Code
MIL
Inspection
Code*
±300ppm/°C
00
04
±100ppm/°C
01
05
±50ppm/°C
02
06
±25ppm/°C
03
07
Test
Method
Max
∆R
Typical
∆R
Thermal Shock
MIL-STD-202
Method 107
Test condition F
±0.1%
±0.02%
High Temperature Exposure
MIL-STD-883
Method 1008
150°C, 1000 hours
±0.1%
±0.05%
Low Temperature Shortage
-55°C, 1000 hours
±0.03%
±0.01%
Life
MIL-STD-202
Method 108
70°C, 1000 hours
±0.5%
±0.01%
Life at Elevated Temperature
MIL-STD-202
Method 108
125°C, 1000 hours
±0.5%
±0.05%
Manufacturing Capabilities Data
Resistance Range
Available
Absolute Tolerances
Available
Ratio Tolerances
Best
Absolute TCR
Tracking TCR
10
Ω - 50Ω
F G J K
D F G J K
±100ppm/°C
±50ppm/°C
51
Ω - 100Ω
D F G J K
C D F G J K
±100ppm/°C
±25ppm/°C
101
Ω - 200Ω
C D F G J K
B C D F G J K
±50ppm/°C
±10ppm/°C
201
Ω - 500Ω
B C D F G J K
B C D F G J K
±50ppm/°C
±5ppm/°C
501
Ω - 1.0MΩ
B C D F G J K
A B C D F G J K
±25ppm/°C
±2ppm/°C
Environmental Data


Similar Part No. - WBD-DSOT23-00-1002-1002

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBD-DSOT23R-470-K-470-M IRCTT-WBD-DSOT23R-470-K-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
logo
TT Electronics.
WBD-DSOT23R-470-K-470-M TTELEC-WBD-DSOT23R-470-K-470-M Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
IRC - a TT electronics ...
WBD-DSOT23R-470-M-470-M IRCTT-WBD-DSOT23R-470-M-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
logo
TT Electronics.
WBD-DSOT23R-470-M-470-M TTELEC-WBD-DSOT23R-470-M-470-M Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
IRC - a TT electronics ...
WBD-DSOT23T-470-K-470-M IRCTT-WBD-DSOT23T-470-K-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
More results

Similar Description - WBD-DSOT23-00-1002-1002

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DSOT TTELEC-DSOT Datasheet
797Kb / 3P
   Wire Bondable Voltage Divider Network
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
logo
IRC - a TT electronics ...
WBDDSS4-A-01-1002-JG IRCTT-WBDDSS4-A-01-1002-JG Datasheet
750Kb / 4P
   Wire Bondable Resistor Network Arrays
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
   Wire Bondable
logo
Token Electronics Indus...
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
logo
TT Electronics.
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
California Micro Device...
PAC27A01 CALMIRCO-PAC27A01 Datasheet
103Kb / 2P
   P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
logo
IRC - a TT electronics ...
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
logo
TT Electronics.
WBC TTELEC-WBC_17 Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com