Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBD-DSOT23-01-1002-1002 Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # WBD-DSOT23-01-1002-1002
Description  Wire Bondable Voltage Divider Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBD-DSOT23-01-1002-1002 Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  WBD-DSOT23-01-1002-1002 Datasheet HTML 1Page - IRC - a TT electronics Company. WBD-DSOT23-01-1002-1002 Datasheet HTML 2Page - IRC - a TT electronics Company. WBD-DSOT23-01-1002-1002 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Physical Data
DSOT23
DSOT143
4
3
1
2
R1
R2
3
1
2
R1
R2
0.035˝ ±0.001
(0.889mm ±0.025)
0.035˝ ±0.001
(0.889mm ±0.025)
0.004˝ min Bond Pads
0.004˝ min Bond Pads
Wire Bondable Voltage
Divider Network
DSOT Series Issue January 2009 Sheet 3 of 3
Ordering Data
Prefix
WBD - DSOT23 - 01 - 1002 - 1002 - F B
Style
DSOT23 = 3-pad divider network
DSOT143 = 4-pad divider network
Absolute TCR Code
00 = ±250ppm/°C; 01 = ±100ppm/°C;
02 = ±50ppm/°C; 03 = ±25ppm/°C
R1 Resistance Code
4-Digit resistance code ex: 1002 = 10K
Ω; 50R1 = 50.1Ω
R2 Resistance Code
4-Digit resistance code ex: 1002 = 10K
Ω; 50R1 = 50.1Ω
Absolute Tolerance Code
K = ±10%; J = ±5%; G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%
Ratio Tolerance Code
G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05%
Packaging
Standard packaging is 2˝ x 2˝ chip tray. For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.


Similar Part No. - WBD-DSOT23-01-1002-1002

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBD-DSOT23R-470-K-470-M IRCTT-WBD-DSOT23R-470-K-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
logo
TT Electronics.
WBD-DSOT23R-470-K-470-M TTELEC-WBD-DSOT23R-470-K-470-M Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
IRC - a TT electronics ...
WBD-DSOT23R-470-M-470-M IRCTT-WBD-DSOT23R-470-M-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
logo
TT Electronics.
WBD-DSOT23R-470-M-470-M TTELEC-WBD-DSOT23R-470-M-470-M Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
IRC - a TT electronics ...
WBD-DSOT23T-470-K-470-M IRCTT-WBD-DSOT23T-470-K-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
More results

Similar Description - WBD-DSOT23-01-1002-1002

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DSOT TTELEC-DSOT Datasheet
797Kb / 3P
   Wire Bondable Voltage Divider Network
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
logo
IRC - a TT electronics ...
WBDDSS4-A-01-1002-JG IRCTT-WBDDSS4-A-01-1002-JG Datasheet
750Kb / 4P
   Wire Bondable Resistor Network Arrays
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
   Wire Bondable
logo
Token Electronics Indus...
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
logo
TT Electronics.
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
California Micro Device...
PAC27A01 CALMIRCO-PAC27A01 Datasheet
103Kb / 2P
   P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
logo
IRC - a TT electronics ...
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
logo
TT Electronics.
WBC TTELEC-WBC_17 Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com