Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBD-DSOT23R-470-K-470-M Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # WBD-DSOT23R-470-K-470-M
Description  Wire Bondable Resistor/Capacitor Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBD-DSOT23R-470-K-470-M Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  WBD-DSOT23R-470-K-470-M Datasheet HTML 1Page - IRC - a TT electronics Company. WBD-DSOT23R-470-K-470-M Datasheet HTML 2Page - IRC - a TT electronics Company. WBD-DSOT23R-470-K-470-M Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire Bondable
Resistor/Capacitor Circuits
WBC-RC Series Issue January 2009 Sheet 2 of 3
Physical and Schematic Data
0.029˝± 0.001
0.635mm ± 0.025
Power Derating Data
DSOT23V
AC Termination
DSOT23T
T-Filter
DSOT23R
Tapped Filter
1
2
1
2
1
2
1
2
Back of chip
Back of chip
Back of chip


Similar Part No. - WBD-DSOT23R-470-K-470-M

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBD-DSOT23R-470-K-470-M TTELEC-WBD-DSOT23R-470-K-470-M Datasheet
524Kb / 3P
   Wire Bondable Resistor
More results

Similar Description - WBD-DSOT23R-470-K-470-M

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
   Wire Bondable Resistor
WBC-C0606AG-102-K TTELEC-WBC-C0606AG-102-K Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
logo
IRC - a TT electronics ...
WBC-C0202AA-102-M IRCTT-WBC-C0202AA-102-M Datasheet
754Kb / 2P
   Wire Bondable Chip Capacitor
logo
TT Electronics.
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
logo
IRC - a TT electronics ...
WBDDSS4-A-01-1002-JG IRCTT-WBDDSS4-A-01-1002-JG Datasheet
750Kb / 4P
   Wire Bondable Resistor Network Arrays
logo
Vishay Siliconix
CLA VISHAY-CLA Datasheet
103Kb / 3P
   Wire Bondable Thin Film Resistor Arrays
01-Jan-2022
MTT VISHAY-MTT Datasheet
101Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 06-Apr-17
MTR VISHAY-MTR Datasheet
92Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 18-Apr-13
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
   Wire Bondable
logo
Vishay Siliconix
MTLP VISHAY-MTLP Datasheet
74Kb / 3P
   Wire Bondable Thin Film Micro-Strip Transmission Line Resistor Arrays
Revision: 16-Nov-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com