Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBDDSS8-A-01-1002-FG Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # WBDDSS8-A-01-1002-FG
Description  Wire Bondable Resistor Network Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBDDSS8-A-01-1002-FG Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  WBDDSS8-A-01-1002-FG Datasheet HTML 1Page - IRC - a TT electronics Company. WBDDSS8-A-01-1002-FG Datasheet HTML 2Page - IRC - a TT electronics Company. WBDDSS8-A-01-1002-FG Datasheet HTML 3Page - IRC - a TT electronics Company. WBDDSS8-A-01-1002-FG Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire Bondable
Resistor Network Arrays
WBC Series Issue January 2009 Sheet 4 of 4
Ordering Data
Prefix
WBD
DSS8 - B - 01 - 1002 - F - B
Style
DSS4 = 8-pad Network
DSS8 = 6-pad Network
DQSC = 24-pad Network
Schematic and Termination
A = Isolated; B = Bussed
TCR/Inspection Code
Reference TCR/Inspection Code Table
Resistance Code
4-Digit Resistance Code
Ex: 1002 = 10KΩ, 50R1 = 50.1Ω
Absolute Tolerance Code
J = ±5%; G = ±2%; F = ±1%;
D = ±0.5%; C = ±0.25%; B = ±0.1%
Ratio Tolerance Code (optional)
G = ±2%; F = ±1%; D = ±0.5%;
C = ±0.25%; B = ±0.1%; A = 0.05%
Packaging
Standard packaging is 2˝ x 2˝ chip tray. For additional information
or to discuss your specific requirements, please contact our Applications
Team using the contact details below.
DQSCX
Physical Data
19
1
2
3
4
5
24
23
22
21
20
10
8
6
7
9
12
11
15
17
18
16
13
14
19
1
24
3
2
5
4
22
23
20
21
15
10
8
7
6
9
17
18
16
11
12
14
13
DQSCA
DQSCB
0.004˝ min Bond Pads
0.115˝ ±0.001
(2.921mm ±0.025)
Pad 1
Test
Method
Max ∆R Typical ∆R
Thermal Shock
MIL-STD-202
Method 107
Test condition F
±0.1%
±0.02%
High Temperature
Exposure
MIL-STD-883
Method 1008
150°C, 1000 hours
±0.1%
±0.05%
Low Temperature
Storage
-55°C, 1000 hours
±0.03%
±0.01%
Life
MIL-STD-202
Method 108
70°C, 1000 hours
±0.5%
±0.01%
Life at Elevated
Temperature
MIL-STD-202
Method 108
125°C, 1000 hours
±0.5%
±0.05%
Environmental Data
R1
R1


Similar Part No. - WBDDSS8-A-01-1002-FG

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBDDSS8-A-01-1002-F-A TTELEC-WBDDSS8-A-01-1002-F-A Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
WBDDSS8-A-01-1002-F-B TTELEC-WBDDSS8-A-01-1002-F-B Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
WBDDSS8-A-01-1002-F-C TTELEC-WBDDSS8-A-01-1002-F-C Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
WBDDSS8-A-01-1002-F-D TTELEC-WBDDSS8-A-01-1002-F-D Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
WBDDSS8-A-01-1002-F-F TTELEC-WBDDSS8-A-01-1002-F-F Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
More results

Similar Description - WBDDSS8-A-01-1002-FG

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
logo
Vishay Siliconix
CLA VISHAY-CLA Datasheet
103Kb / 3P
   Wire Bondable Thin Film Resistor Arrays
01-Jan-2022
MTT VISHAY-MTT Datasheet
101Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 06-Apr-17
MTR VISHAY-MTR Datasheet
92Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 18-Apr-13
logo
TT Electronics.
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
Vishay Siliconix
MTLP VISHAY-MTLP Datasheet
74Kb / 3P
   Wire Bondable Thin Film Micro-Strip Transmission Line Resistor Arrays
Revision: 16-Nov-17
logo
TT Electronics.
DSOT TTELEC-DSOT Datasheet
797Kb / 3P
   Wire Bondable Voltage Divider Network
logo
IRC - a TT electronics ...
WBD-DSOT23-00-1002-1002 IRCTT-WBD-DSOT23-00-1002-1002 Datasheet
338Kb / 3P
   Wire Bondable Voltage Divider Network
WBD-DSOT23V-470-M-470-M IRCTT-WBD-DSOT23V-470-M-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
   Wire Bondable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com