Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB5028-470N Datasheet(PDF) 5 Page - PREMO CORPORATION S.L

Part # PSB5028-470N
Description  SMD Power Inductors Shielded
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PSB5028-470N Datasheet(HTML) 5 Page - PREMO CORPORATION S.L

  PSB5028-470N Datasheet HTML 1Page - PREMO CORPORATION S.L PSB5028-470N Datasheet HTML 2Page - PREMO CORPORATION S.L PSB5028-470N Datasheet HTML 3Page - PREMO CORPORATION S.L PSB5028-470N Datasheet HTML 4Page - PREMO CORPORATION S.L PSB5028-470N Datasheet HTML 5Page - PREMO CORPORATION S.L PSB5028-470N Datasheet HTML 6Page - PREMO CORPORATION S.L PSB5028-470N Datasheet HTML 7Page - PREMO CORPORATION S.L PSB5028-470N Datasheet HTML 8Page - PREMO CORPORATION S.L PSB5028-470N Datasheet HTML 9Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PSB0503 , PSB5028 , PSB6013 ,
PSB6025 , PSB8040 & PSB8058
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
5
PSB8058 (3.9µH – 100µH)
Test Freq.
RDC
(mΩ)
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
typ.
max.
SRF
(MHz)
typ.
Irms
(A)
typ.
Isat
(A)
typ.
PSB8058 – 3R9N
3.9±30%
8
100
7.96
12.0
16.0
45.0
6.50
4.50
PSB8058 – 5R2N
5.2±30%
8
100
7.96
14.0
17.5
35.0
5.80
3.90
PSB8058 – 6R8N
6.8±30%
8
100
7.96
16.0
20.0
30.0
5.50
4.00
PSB8058 – 100N
10.0±30%
20
100
2.52
18.6
25.0
18.0
4.60
3.00
PSB8058 – 220N
22.0±30%
20
100
2.52
42.0
52.0
14.0
3.40
1.80
PSB8058 – 330N
33.0±30%
16
100
2.52
58.0
72.0
10.0
2.70
1.60
PSB8058 – 470N
47.0±30%
12
100
2.52
80.0
100.0
7.0
2.30
1.50
PSB8058 – 680N
68.0±30%
16
100
2.52
100.0
130.0
6.0
2.00
1.20
PSB8058 – 101N
100.0±30%
22
100
0.796
124.0
160.0
5.0
1.70
0.90
[Inductance tested at 0.1V] [Irms base on temp. rise: 40ºC, 30ºC (PSB6025)] [Isat base on ∆L/L0A=35%]
6. Curve
Inductance VS. DC Current Curve
PSB0503
PSB5028
Inductance VS. IDC
PSB6013
PSB6025


Similar Part No. - PSB5028-470N

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB50 POWERSEM-PSB50 Datasheet
119Kb / 1P
   Single Phase Rectifier Bridges
logo
Infineon Technologies A...
PSB50510 INFINEON-PSB50510 Datasheet
481Kb / 2P
   Single Chip ADSL 2 /2 CPE Solution
2004
More results

Similar Description - PSB5028-470N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com