Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT30GP60LDLG Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APT30GP60LDLG
Description  Resonant Mode Combi IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30GP60LDLG Datasheet(HTML) 7 Page - Microsemi Corporation

  APT30GP60LDLG Datasheet HTML 1Page - Microsemi Corporation APT30GP60LDLG Datasheet HTML 2Page - Microsemi Corporation APT30GP60LDLG Datasheet HTML 3Page - Microsemi Corporation APT30GP60LDLG Datasheet HTML 4Page - Microsemi Corporation APT30GP60LDLG Datasheet HTML 5Page - Microsemi Corporation APT30GP60LDLG Datasheet HTML 6Page - Microsemi Corporation APT30GP60LDLG Datasheet HTML 7Page - Microsemi Corporation APT30GP60LDLG Datasheet HTML 8Page - Microsemi Corporation APT30GP60LDLG Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Characteristic / Test Conditions
Maximum Average Forward Current (T
C = 126°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty)
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3ms)
Symbol
I
F(AV)
I
F(RMS)
I
FSM
Symbol
V
F
Characteristic / Test Conditions
I
F = 30A
Forward Voltage
I
F = 60A
I
F = 30A, TJ = 125°C
STATIC ELECTRICAL CHARACTERISTICS
UNIT
Amps
UNIT
Volts
MIN
TYP
MAX
1.3
1.6
2.0
1.9
APT30GP60B2DL_LDL(G)
30
51
320
DYNAMIC CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
ULTRAFAST SOFT RECOVERY ANTI-PARALLEL DIODE
MIN
TYP
MAX
-
64
-
317
-
962
-
7
-
-
561
-
2244
-
9
-
-
264
-
3191
-
26
UNIT
ns
nC
Amps
ns
nC
Amps
ns
nC
Amps
Characteristic
Reverse Recovery Time
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Symbol
t
rr
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
Test Conditions
I
F = 30A, diF/dt = -200A/μs
V
R = 400V, TC = 25°C
I
F =30A, diF/dt = -200A/μs
V
R = 400V, TC = 125°C
I
F = 30A, diF/dt = -1000A/μs
V
R = 400V, TC = 125°C
I
F = 1A, diF/dt = -100A/μs, VR = 30V, TJ = 25°C
DYNAMIC CHARACTERISTICS
APT30GP60B2DL_LDL(G)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:


Similar Part No. - APT30GP60LDLG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30GP60B ADPOW-APT30GP60B Datasheet
92Kb / 6P
   POWER MOS 7 IGBT
APT30GP60B ADPOW-APT30GP60B Datasheet
216Kb / 6P
   POWER MOS 7 IGBT
APT30GP60BDQ1 ADPOW-APT30GP60BDQ1 Datasheet
438Kb / 9P
   POWER MOS 7 IGBT
APT30GP60BDQ1G ADPOW-APT30GP60BDQ1G Datasheet
438Kb / 9P
   POWER MOS 7 IGBT
APT30GP60BG ADPOW-APT30GP60BG Datasheet
216Kb / 6P
   POWER MOS 7 IGBT
More results

Similar Description - APT30GP60LDLG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT15GP60BDL MICROSEMI-APT15GP60BDL Datasheet
212Kb / 9P
   Resonant Mode Combi IGBT
APT30GS60BRDL MICROSEMI-APT30GS60BRDL Datasheet
214Kb / 9P
   Resonant Mode Combi IGBT
APT30GT60BRDL MICROSEMI-APT30GT60BRDL Datasheet
202Kb / 9P
   Resonant Mode Combi IGBT
APT100GT60JRDL MICROSEMI-APT100GT60JRDL Datasheet
206Kb / 9P
   Resonant Mode Combi IGBT
APT30GN60B MICROSEMI-APT30GN60B Datasheet
129Kb / 6P
   Resonant Mode Combi IGBT
APT30GN60K MICROSEMI-APT30GN60K Datasheet
150Kb / 6P
   Resonant Mode Combi IGBT
APT50GS60BRDL MICROSEMI-APT50GS60BRDL Datasheet
251Kb / 9P
   Resonant Mode Combi IGBT
APT50GN60B MICROSEMI-APT50GN60B Datasheet
137Kb / 6P
   Resonant Mode Combi IGBT
APT50GP60LDL MICROSEMI-APT50GP60LDL Datasheet
203Kb / 9P
   Resonant Mode Combi IGBT
APT50GT60BRDL MICROSEMI-APT50GT60BRDL Datasheet
200Kb / 9P
   Resonant Mode Combi IGBT
APT30GN60BDQ2 MICROSEMI-APT30GN60BDQ2 Datasheet
159Kb / 9P
   Resonant Mode Combi IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com