Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT30GS60SRDQ2G Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APT30GS60SRDQ2G
Description  Thunderbolt High Speed NPT IGBT with Anti-Parallel DQ Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30GS60SRDQ2G Datasheet(HTML) 7 Page - Microsemi Corporation

  APT30GS60SRDQ2G Datasheet HTML 1Page - Microsemi Corporation APT30GS60SRDQ2G Datasheet HTML 2Page - Microsemi Corporation APT30GS60SRDQ2G Datasheet HTML 3Page - Microsemi Corporation APT30GS60SRDQ2G Datasheet HTML 4Page - Microsemi Corporation APT30GS60SRDQ2G Datasheet HTML 5Page - Microsemi Corporation APT30GS60SRDQ2G Datasheet HTML 6Page - Microsemi Corporation APT30GS60SRDQ2G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Microsemi’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786
5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
e1 SAC: Tin, Silver, Copper
TO-247 Package Outline
D3 Pak Package Outline
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
3.50 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Collector (Cathode)
Emitter (Anode)
Gate
5.45 (.215) BSC
Dimensions in Millimeters and (Inches)
2-Plcs.
15.95 (.628)
16.05(.632)
1.22 (.048)
1.32 (.052)
5.45 (.215) BSC
{2 Plcs.}
4.98 (.196)
5.08 (.200)
1.47 (.058)
1.57 (.062)
2.67 (.105)
2.84 (.112)
0.46 (.018) {3 Plcs}
0.56 (.022)
Dimensions in Millimeters (Inches)
Heat Sink (Collector)
and Leads (Cathode)
are Plated
3.81 (.150)
4.06 (.160)
(Base of Lead)
1.98 (.078)
2.08 (.082)
Gate
Collector (Cathode)
Emitter (Anode)
0.020 (.001)
0.178 (.007)
1.27 (.050)
1.40 (.055)
11.51 (.453)
11.61 (.457)
13.41 (.528)
13.51(.532)
Revised
8/29/97
1.04 (.041)
1.15(.045)
13.79 (.543)
13.99(.551)
Revised
4/18/95
APT30GS60B_SRDQ2(G)


Similar Part No. - APT30GS60SRDQ2G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30GS60BRDL MICROSEMI-APT30GS60BRDL Datasheet
214Kb / 9P
   Resonant Mode Combi IGBT
APT30GS60BRDLG MICROSEMI-APT30GS60BRDLG Datasheet
214Kb / 9P
   Resonant Mode Combi IGBT
APT30GS60BRDQ2G MICROSEMI-APT30GS60BRDQ2G Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
APT30GS60KR MICROSEMI-APT30GS60KR Datasheet
590Kb / 7P
   Thunderbolt High Speed NPT IGBT
APT30GS60KRG MICROSEMI-APT30GS60KRG Datasheet
590Kb / 7P
   Thunderbolt High Speed NPT IGBT
More results

Similar Description - APT30GS60SRDQ2G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT50GS60BRDQ2 MICROSEMI-APT50GS60BRDQ2 Datasheet
613Kb / 7P
   Thunderbolt High Speed NPT IGBT with Anti-Parallel DQ Diode
APT20GS60BRDQ1 MICROSEMI-APT20GS60BRDQ1 Datasheet
637Kb / 7P
   Thunderbolt High Speed NPT IGBT with Anti-Parallel DQ Diode
APT30GS60KR MICROSEMI-APT30GS60KR Datasheet
590Kb / 7P
   Thunderbolt High Speed NPT IGBT
APT50GS60BR MICROSEMI-APT50GS60BR Datasheet
612Kb / 7P
   Thunderbolt High Speed NPT IGBT
APT20GN60B MICROSEMI-APT20GN60B Datasheet
131Kb / 6P
   Thunderbolt High Speed NPT IGBT
APT20GS60KR MICROSEMI-APT20GS60KR Datasheet
611Kb / 7P
   Thunderbolt High Speed NPT IGBT
logo
ON Semiconductor
HGTG11N120CND ONSEMI-HGTG11N120CND Datasheet
437Kb / 10P
   NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
December, 2020 ??Rev. 2
logo
IXYS Corporation
IXGQ85N33PCD1 IXYS-IXGQ85N33PCD1 Datasheet
150Kb / 5P
   Advance Technical Information PolarTM High Speed IGBT with Anti-Parallel Diode
logo
Unisonic Technologies
UG5N120 UTC-UG5N120 Datasheet
288Kb / 3P
   NPT N-CHANNEL IGBT WITH ANTI-PARALLEL HYPERFAST DIODES
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com