Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT47GA60JD40 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # APT47GA60JD40
Description  High Speed PT IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT47GA60JD40 Datasheet(HTML) 8 Page - Microsemi Corporation

  APT47GA60JD40 Datasheet HTML 1Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 2Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 3Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 4Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 5Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 6Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 7Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 8Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Dynamic Characteristics
TJ = 25°C unless otherwise specified
APT47GA60JD40
T
J
= 125°C
V
R
= 400V
15A
30A
60A
200
150
100
50
0
35
30
25
20
15
10
5
0
Duty cycle = 0.5
T
J
= 175°C
50
45
40
35
30
25
20
15
10
5
0
1.2
1.0
0.8
0.6
0.4
0.2
0.0
200
150
100
50
0
140
120
100
80
60
40
20
0
1400
1200
1000
800
600
400
200
0
T
J
= 175°C
T
J
= -55°C
T
J
= 25°C
T
J
= 125°C
0
0.5
1.0
1.5
2.0
2.5
3.0
0
200 400 600 800 1000 1200 1400 1600
0
200 400 600 800 1000 1200 1400 1600
0
200 400 600 800 1000 1200 1400 1600
T
J
= 125°C
V
R
= 400V
60A
15A
30A
T
J
= 125°C
V
R
= 400V
60A
30A
15A
t
rr
Q
rr
Q
rr
t
rr
I
RRM
0
25
50
75
100
125
150
25
50
75
100
125
150
175
1
10
100
200
V
F
, ANODE-TO-CATHODE VOLTAGE (V)
-di
F
/dt, CURRENT RATE OF CHANGE(A/µs)
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Reverse Recovery Time vs. Current Rate of Change
-di
F
/dt, CURRENT RATE OF CHANGE (A/µs)
-di
F
/dt, CURRENT RATE OF CHANGE (A/µs)
Figure 4. Reverse Recovery Charge vs. Current Rate of Change
Figure 5. Reverse Recovery Current vs. Current Rate of Change
T
J
, JUNCTION TEMPERATURE (°C)
Case Temperature (°C)
Figure 6. Dynamic Parameters vs. Junction Temperature
Figure 7. Maximum Average Forward Current vs. CaseTemperature
V
R
, REVERSE VOLTAGE (V)
Figure 8. Junction Capacitance vs. Reverse Voltage


Similar Part No. - APT47GA60JD40

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT47F60J MICROSEMI-APT47F60J Datasheet
145Kb / 4P
   N-Channel FREDFET
APT47M60J MICROSEMI-APT47M60J Datasheet
274Kb / 4P
   N-Channel MOSFET
logo
Advanced Power Technolo...
APT47N60BC3 ADPOW-APT47N60BC3 Datasheet
173Kb / 5P
   Super Junction MOSFET
logo
Microsemi Corporation
APT47N60BC3 MICROSEMI-APT47N60BC3 Datasheet
218Kb / 5P
   Super Junction MOSFET
logo
Inchange Semiconductor ...
APT47N60BC3 ISC-APT47N60BC3 Datasheet
420Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT47GA60JD40

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT28GA60K MICROSEMI-APT28GA60K Datasheet
214Kb / 6P
   High Speed PT IGBT
APT64GA90B MICROSEMI-APT64GA90B Datasheet
205Kb / 6P
   High Speed PT IGBT
APT64GA90LD30 MICROSEMI-APT64GA90LD30 Datasheet
234Kb / 9P
   High Speed PT IGBT
APT102GA60B2 MICROSEMI-APT102GA60B2 Datasheet
232Kb / 6P
   High Speed PT IGBT
APT27GA90K MICROSEMI-APT27GA90K Datasheet
222Kb / 6P
   High Speed PT IGBT
APT35GA90B MICROSEMI-APT35GA90B Datasheet
216Kb / 6P
   High Speed PT IGBT
APT46GA90JD40 MICROSEMI-APT46GA90JD40 Datasheet
244Kb / 9P
   High Speed PT IGBT
APT80GA60LD40 MICROSEMI-APT80GA60LD40 Datasheet
248Kb / 9P
   High Speed PT IGBT
APT80GA90B MICROSEMI-APT80GA90B Datasheet
220Kb / 6P
   High Speed PT IGBT
APT20GN60BDQ1 MICROSEMI-APT20GN60BDQ1 Datasheet
160Kb / 9P
   High Speed PT IGBT
APT20GN60K MICROSEMI-APT20GN60K Datasheet
173Kb / 6P
   High Speed PT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com