Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT47GA60JD40 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # APT47GA60JD40
Description  High Speed PT IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT47GA60JD40 Datasheet(HTML) 9 Page - Microsemi Corporation

  APT47GA60JD40 Datasheet HTML 1Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 2Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 3Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 4Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 5Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 6Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 7Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 8Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Dynamic Characteristics
TJ = 25°C unless otherwise specified
APT47GA60JD40
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.
SOT-227 (ISOTOP
®) Package Outline
31.5 (1.240)
31.7 (1.248)
Dimensions in Millimeters and (Inches
7.8 (.307)
8.2 (.322)
30.1 (1.185)
30.3 (1.193)
38.0 (1.496)
38.2 (1.504)
14.9 (.587)
15.1 (.594)
11.8 (.463)
12.2 (.480)
8.9 (.350)
9.6 (.378)
Hex Nut M4
(4 places)
0.75 (.030)
0.85 (.033)
12.6 (.496)
12.8 (.504)
25.2 (0.992)
25.4 (1.000)
1.95 (.077)
2.14 (.084)
* Emitter/Anode
Collector/Cathode
Gate
*
r = 4.0 (.157)
(2 places)
4.0 (.157)
4.2 (.165)
(2 places)
W=4.1 (.161)
W=4.3 (.169)
H=4.8 (.187)
H=4.9 (.193)
(4 places)
3.3 (.129)
3.6 (.143)
* Emitter/Anode
Emitter/Anode terminals are
shorted internally. Current
handling capability is equal
for either Emitter/Anode terminal.
)
APT6017LLL
4
3
1
2
5
5
Zero
1
2
3
4
di
F/dt - Rate of Diode Current Change Through Zero Crossing.
I
F - Forward Conduction Current
I
RRM - Maximum Reverse Recovery Current.
trr - Reverse Recovery Time, measured from zero crossing where diode
Qrr - Area Under the Curve Defined by IRRM and trr.
current goes from positive to negative, to the point at which the straight
line through IRRM and 0.25 IRRM passes through zero.
0.25 IRRM
PEARSON 2878
CURRENT
TRANSFORMER
di
F/dt Adjust
30
μH
D.U.T.
+18V
0V
Vr
trr/Qrr
Waveform
Figure 9, Diode Test Circuit
Figure 10, Diode Reverse Recovery Waveform and Definitions


Similar Part No. - APT47GA60JD40

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT47F60J MICROSEMI-APT47F60J Datasheet
145Kb / 4P
   N-Channel FREDFET
APT47M60J MICROSEMI-APT47M60J Datasheet
274Kb / 4P
   N-Channel MOSFET
logo
Advanced Power Technolo...
APT47N60BC3 ADPOW-APT47N60BC3 Datasheet
173Kb / 5P
   Super Junction MOSFET
logo
Microsemi Corporation
APT47N60BC3 MICROSEMI-APT47N60BC3 Datasheet
218Kb / 5P
   Super Junction MOSFET
logo
Inchange Semiconductor ...
APT47N60BC3 ISC-APT47N60BC3 Datasheet
420Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT47GA60JD40

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT28GA60K MICROSEMI-APT28GA60K Datasheet
214Kb / 6P
   High Speed PT IGBT
APT64GA90B MICROSEMI-APT64GA90B Datasheet
205Kb / 6P
   High Speed PT IGBT
APT64GA90LD30 MICROSEMI-APT64GA90LD30 Datasheet
234Kb / 9P
   High Speed PT IGBT
APT102GA60B2 MICROSEMI-APT102GA60B2 Datasheet
232Kb / 6P
   High Speed PT IGBT
APT27GA90K MICROSEMI-APT27GA90K Datasheet
222Kb / 6P
   High Speed PT IGBT
APT35GA90B MICROSEMI-APT35GA90B Datasheet
216Kb / 6P
   High Speed PT IGBT
APT46GA90JD40 MICROSEMI-APT46GA90JD40 Datasheet
244Kb / 9P
   High Speed PT IGBT
APT80GA60LD40 MICROSEMI-APT80GA60LD40 Datasheet
248Kb / 9P
   High Speed PT IGBT
APT80GA90B MICROSEMI-APT80GA90B Datasheet
220Kb / 6P
   High Speed PT IGBT
APT20GN60BDQ1 MICROSEMI-APT20GN60BDQ1 Datasheet
160Kb / 9P
   High Speed PT IGBT
APT20GN60K MICROSEMI-APT20GN60K Datasheet
173Kb / 6P
   High Speed PT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com