Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GS60BRDQ2 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT50GS60BRDQ2
Description  Thunderbolt High Speed NPT IGBT with Anti-Parallel DQ Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GS60BRDQ2 Datasheet(HTML) 4 Page - Microsemi Corporation

  APT50GS60BRDQ2 Datasheet HTML 1Page - Microsemi Corporation APT50GS60BRDQ2 Datasheet HTML 2Page - Microsemi Corporation APT50GS60BRDQ2 Datasheet HTML 3Page - Microsemi Corporation APT50GS60BRDQ2 Datasheet HTML 4Page - Microsemi Corporation APT50GS60BRDQ2 Datasheet HTML 5Page - Microsemi Corporation APT50GS60BRDQ2 Datasheet HTML 6Page - Microsemi Corporation APT50GS60BRDQ2 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
R
G, GATE RESISTANCE (OHMS)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
10
20
30
40
50
0
25
50
75
100
125
20
18
16
14
12
10
8
6
4
2
0
100
80
60
40
20
0
6000
5000
4000
3000
2000
1000
0
10
8
6
4
2
0
300
250
200
150
100
50
0
80
70
60
50
40
30
20
10
0
2500
2000
1500
1000
500
0
6
5
4
3
2
1
0
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
V
CE = 400V
R
G = 4.7Ω
L = 100µH
VCE = 400V
VGE = +15V
RG = 4.7Ω
R
G = 4.7Ω, L = 100µH, VCE = 400V
V
CE = 400V
T
J = 25°C, TJ =125°C
R
G = 4.7Ω
L = 100µH
V
GE = 15V
T
J = 125°C, VGE = 15V
T
J = 25 or 125°C,VGE = 15V
T
J = 25°C, VGE = 15V
T
J = 125°C,VGE =15V
T
J = 25°C,VGE =15V
VCE = 400V
VGE = +15V
RG = 4.7Ω
T
J = 125°C, VGE = 15V
T
J = 25°C, VGE = 15V
VCE = 400V
VGE = +15V
RG = 4.7Ω
E
on2,100A
E
off,100A
E
off,50A
E
on2,50A
E
on2,25A
E
off,25A
E
on2,100A
E
off,100A
E
on2,50A
E
off,50A
E
on2,25A
E
off,25A
VCE = 400V
VGE = +15V
TJ = 125°C
R
G = 4.7Ω, L = 100µH, VCE = 400V
TYPICAL PERFORMANCE CURVES
APT50GS60B_SRDQ2(G)


Similar Part No. - APT50GS60BRDQ2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT50GS60BRDQ2G MICROSEMI-APT50GS60BRDQ2G Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
More results

Similar Description - APT50GS60BRDQ2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30GS60BRDQ2 MICROSEMI-APT30GS60BRDQ2 Datasheet
594Kb / 7P
   Thunderbolt High Speed NPT IGBT with Anti-Parallel DQ Diode
APT20GS60BRDQ1 MICROSEMI-APT20GS60BRDQ1 Datasheet
637Kb / 7P
   Thunderbolt High Speed NPT IGBT with Anti-Parallel DQ Diode
APT30GS60KR MICROSEMI-APT30GS60KR Datasheet
590Kb / 7P
   Thunderbolt High Speed NPT IGBT
APT50GS60BR MICROSEMI-APT50GS60BR Datasheet
612Kb / 7P
   Thunderbolt High Speed NPT IGBT
APT20GN60B MICROSEMI-APT20GN60B Datasheet
131Kb / 6P
   Thunderbolt High Speed NPT IGBT
APT20GS60KR MICROSEMI-APT20GS60KR Datasheet
611Kb / 7P
   Thunderbolt High Speed NPT IGBT
logo
ON Semiconductor
HGTG11N120CND ONSEMI-HGTG11N120CND Datasheet
437Kb / 10P
   NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
December, 2020 ??Rev. 2
logo
IXYS Corporation
IXGQ85N33PCD1 IXYS-IXGQ85N33PCD1 Datasheet
150Kb / 5P
   Advance Technical Information PolarTM High Speed IGBT with Anti-Parallel Diode
logo
Unisonic Technologies
UG5N120 UTC-UG5N120 Datasheet
288Kb / 3P
   NPT N-CHANNEL IGBT WITH ANTI-PARALLEL HYPERFAST DIODES
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com