Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GT120LR Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT50GT120LR
Description  Thunderbolt IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GT120LR Datasheet(HTML) 4 Page - Microsemi Corporation

  APT50GT120LR Datasheet HTML 1Page - Microsemi Corporation APT50GT120LR Datasheet HTML 2Page - Microsemi Corporation APT50GT120LR Datasheet HTML 3Page - Microsemi Corporation APT50GT120LR Datasheet HTML 4Page - Microsemi Corporation APT50GT120LR Datasheet HTML 5Page - Microsemi Corporation APT50GT120LR Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Performance Curves
APT50GT120B2R_LR(G)
0
5,000
10,000
15,000
20,000
0
25
50
75
100
125
0
10,000
20,000
30,000
40,000
50,000
60,000
0
10
20
30
40
50
0
1,000
2,000
3,000
4,000
5,000
6,000
10
30
50
70
90
110
0
5,000
10,000
15,000
20,000
10
30
50
70
90
110
0
10
20
30
40
50
60
10
30
50
70
90
110
0
20
40
60
80
100
120
140
160
10
30
50
70
90
110
0
50
100
150
200
250
300
0
20
40
60
80
100
120
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
V
CE = 800V
R
G = 1.0Ω
L = 100μH
V
CE = 800V
V
GE = +15V
R
G = 1.0Ω
V
CE = 800V
T
J = 25°C, or 125°C
R
G = 1.0Ω
L = 100μH
V
GE = 15V
V
CE = 800V
V
GE = +15V
R
G = 1.0Ω
V
CE = 800V
V
GE = +15V
R
G = 1.0Ω
R
G = 1.0Ω, L = 100
μ
H, V
CE = 800V
T
J = 125°C
T
J = 25°C
T
J = 125°C
T
J = 25°C
R
G = 1.0Ω, L = 100
μ
H, V
CE = 800V
T
J = 25 or 125°C,VGE = 15V
T
J = 125°C, VGE = 15V
T
J = 25°C, VGE = 15V
E
on2,100A
E
off,100A
E
on2,50A
E
off,50A
E
on2,25A
E
off,25A
V
CE = 800V
V
GE = +15V
T
J = 125°C
E
on2,100A
E
off,100A
E
on2,50A
E
off,50A
E
on2,25A
E
off,25A
I
CE, COLLECTOR-TO-EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
I
CE, COLLECTOR-TO-EMITTER CURRENT (A)
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR-TO-EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
I
CE, COLLECTOR-TO-EMITTER CURRENT (A)
FIGURE 12, Current Fall Time vs Collector Current
I
CE, COLLECTOR-TO-EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
I
CE, COLLECTOR-TO-EMITTER CURRENT (A)
FIGURE 14, Turn-Off Energy Loss vs Collector Current
R
G, GATE RESISTANCE (OHMS)
FIGURE 15, Switching Energy Losses vs Gate Resistance
T
J, JUNCTION TEMPERATURE (°C)
FIGURE 16, Switching Energy Losses vs Junction Temperature


Similar Part No. - APT50GT120LR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GT120LRDQ2 ADPOW-APT50GT120LRDQ2 Datasheet
440Kb / 9P
   Thunderbolt IGBT
More results

Similar Description - APT50GT120LR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GT60BRDQ2 ADPOW-APT50GT60BRDQ2 Datasheet
431Kb / 9P
   Thunderbolt IGBT
APT15GT120BR ADPOW-APT15GT120BR Datasheet
397Kb / 6P
   Thunderbolt IGBT
APT20GT60BRDQ1 ADPOW-APT20GT60BRDQ1 Datasheet
428Kb / 9P
   Thunderbolt IGBT
APT25GT120BR ADPOW-APT25GT120BR Datasheet
394Kb / 6P
   Thunderbolt IGBT
logo
Microsemi Corporation
APT100GT60JRDQ4 MICROSEMI-APT100GT60JRDQ4 Datasheet
215Kb / 9P
   Thunderbolt IGBT
APT100GT120JRDQ4 MICROSEMI-APT100GT120JRDQ4 Datasheet
993Kb / 9P
   Thunderbolt IGBT
logo
Advanced Power Technolo...
APT50GT120LRDQ2 ADPOW-APT50GT120LRDQ2 Datasheet
440Kb / 9P
   Thunderbolt IGBT
APT50GT60BR ADPOW-APT50GT60BR Datasheet
409Kb / 6P
   Thunderbolt IGBT
APT15GT60BRDQ1 ADPOW-APT15GT60BRDQ1 Datasheet
427Kb / 9P
   Thunderbolt IGBT
APT15GT120BRDQ1 ADPOW-APT15GT120BRDQ1 Datasheet
430Kb / 9P
   Thunderbolt IGBT
APT30GT60BRDQ2 ADPOW-APT30GT60BRDQ2 Datasheet
435Kb / 9P
   Thunderbolt IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com