Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7935 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7935
Description  12-BIT, 20 MSPS, 79 mW A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7935 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

  SPT7935 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
7/12/00
SPT7935
CLOCK
The SPT7935 accepts a low voltage CMOS logic level at
the CLK input. The duty cycle of the clock should be kept as
close to 50% as possible. Because consecutive stages in the
ADC are clocked in opposite phase to each other, a non-50%
duty cycle reduces the settling time available for every other
stage and thus potentially causing a degradation of dynamic
performance.
For optimal performance at high input frequencies, the clock
should have low jitter and fast edges. The rise/fall times
should be kept shorter than 2 ns. Overshoot and undershoot
should be avoided. Clock jitter causes the noise floor to rise
proportional to the input frequency. Because jitter can be
caused by crosstalk on the PC board, it is recommended that
the clock trace be kept as short as possible and standard
transmission line practices be followed.
PACKAGE OUTLINE
44L TQFP
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.472 Typ
12.00 Typ
B
0.394 Typ
10.00 Typ
C
0.394 Typ
10.00 Typ
D
0.472 Typ
12.00 Typ
E
0.031 Typ
0.80 Typ
F
0.012
0.018
0.300
0.45
G
0.053
0.057
1.35
1.45
H
0.002
0.006
0.05
0.15
I
0.018
0.030
0.450
0.750
J
0.039 Typ
1.00 Typ
K
0-7
°
0-7
°
Index
A
B
C
D
Pin 1
E
F
G
H
I
J
K
DIGITAL OUTPUTS
The digital output data appears in an offset binary code at
3.3 V CMOS logic levels. A negative full scale input results in
an all zeros output code (000…0). A positive full scale input
results in an all 1’s code (111…1). The output data is available
7.5 clock cycles after the data is sampled. The input signal is
sampled on the high to low transition of the input clock. Output
data should be latched on the low to high clock transition as
shown in figure 1, the Timing Diagram. The output data is
invalid for the first 20 clock cycles after the device is powered up.
EVALUATION BOARD
The EB7935 Evaluation Board is available to aid designers in
demonstrating the full performance capability of the
SPT7935. The board includes an on-board clock driver,
adjustable voltage references, adjustable bias current cir-
cuits, single-to-differential input buffers with adjustable lev-
els, a single-to-differential transformer (1:1), digital output
buffers and 3.3/5 V adjustable logic outputs. An application
note (AN7935) is also available which describes the opera-
tion of the evaluation board and provides an example of the
recommended power and ground layout and signal routing.
Contact the factory for price and availability.


Similar Part No. - SPT7935

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
   12-BIT, 20 MSPS, 79 mW A/D CONVERTER
SPT7935SIT FAIRCHILD-SPT7935SIT Datasheet
54Kb / 8P
   12-BIT, 20 MSPS, 79 mW A/D CONVERTER
More results

Similar Description - SPT7935

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
   12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com